Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 11Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 13Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 14Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 15Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 12 of 44
1000
1450
1400
1350
1300
1250
1200
1150
1100
1050
0
8000
800
1600 2400 3200 4000 4800 5600 6400 7200
LOAD CURRENT (mA)
VIN = 16.5V
VIN = 13V
+125°C
+25°C
–40°C
Figure 34. Frequency vs. Load Current, 1.0 MHz, VOUT = 5 V
2.649
2.658
2.657
2.656
2.655
2.654
2.653
2.652
2.651
2.650
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 35. UVLO vs. Temperature
55
60
65
70
75
80
85
90
95
300
400
500
600
700
800
900
1000
FREQUENCY (kHz)
+125°C
+25°C
–40°C
Figure 36. Maximum Duty Cycle vs. Frequency
62
64
66
68
70
72
74
76
78
80
82
5.5
6.7
7.9
9.1
10.3
11.5
12.7
13.9
15.1
16.3
VIN (V)
+125°C
+25°C
–40°C
Figure 37. Maximum Duty Cycle vs. High Voltage Input (VIN)
180
680
630
580
530
480
430
380
330
280
230
–40
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
VREG = 2.7V
VREG = 5.5V
VREG = 3.6V
Figure 38. Minimum Off-Time vs. Temperature
180
680
630
580
530
480
430
380
330
280
230
2.7
5.5
5.1
4.7
4.3
3.9
3.5
3.1
VREG (V)
+125°C
+25°C
–40°C
Figure 39. Minimum Off-Time vs. VREG (Low Input Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com