Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 26Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 27Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 28Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 29Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 30Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 31Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 32Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 33Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 30 of 44
Assuming an overshoot of 45 mV, determine if the output
capacitor that was calculated previously is adequate:
ZERO
COMP
COMP
f
R
C
π
=
2
1
=
3
3
10
25
.
6
10
100
14
.
3
2
1
×
×
×
×
×
= 250 pF
()
()
2
2
2
6
2
2
2
)
8
.
1
(
)
mV
45
8
.
1
(
)
A
15
(
10
1
)
(
)
(
−
−
×
×
=
−
Δ
−
×
=
−
OUT
OVSHT
OUT
LOAD
OUT
V
V
V
I
L
C
= 1.4 mF
Loss Calculations
Duty cycle = 1.8/12 V = 0.15
RON (N2) = 5.4 mΩ
Choose five 270 μF polymer capacitors.
tBODY(LOSS) = 20 ns (body conduction time)
The rms current through the output capacitor is
VF = 0.84 V (MOSFET forward voltage)
A
49
.
1
V
2
.
13
V
8
.
1
10
300
μF
1
)
V
8
.
1
V
2
.
13
(
3
1
2
1
)
(
3
1
2
1
3
,
,
=
×
×
×
−
×
=
×
×
−
×
=
MAX
IN
OUT
SW
OUT
MAX
IN
RMS
V
V
f
L
V
V
I
CIN = 3.3 nF (MOSFET gate input capacitance)
QN1,N2 = 17 nC (total MOSFET gate charge)
RGATE = 1.5 Ω (MOSFET gate input resistance)
()
[
] 2
1
LOAD
N2(ON)
N1(ON)
N1,N2(CL)
I
R
D
R
D
P
×
×
−
+
×
=
= (0.15 × 0.0054 + 0.85 × 0.0054) × (15 A)2
= 1.215 W
The power loss dissipated through the ESR of the output
capacitor is
PCOUT = (IRMS)2 × ESR = (1.5 A)2 × 1.4 mΩ = 3.15 mW
2
)
(
)
(
×
×
×
=
F
LOAD
SW
LOSS
BODY
LOSS
BODY
V
I
t
t
P
= 20 ns × 300 × 103 × 15 A × 0.84 × 2
= 151.2 mW
Feedback Resistor Network Setup
It is recommended to use RB = 15 kΩ. Calculate RT as follows:
kΩ
30
V
6
.
0
V)
6
.
0
V
8
.
1
(
kΩ
15
=
−
×
=
T
R
PSW(LOSS) = fSW × RGATE × CTOTAL × ILOAD × VIN × 2
= 300 × 103 × 1.5 Ω × 3.3 × 10−9 × 15 A × 12 × 2
= 534.6 mW
Compensation Network
To calculate RCOMP, CCOMP, and CPAR, the transconductance
parameter and the current-sense gain variable are required. The
transconductance parameter (GM) is 500 μA/V, and the current-
sense loop gain is
(
)
[
]
()
[]
))
002
.
0
0
.
5
10
3
.
3
10
300
(
0
.
5
(
))
002
.
0
62
.
4
10
3
.
3
10
300
(
62
.
4
(
9
3
9
3
)
(
+
×
×
×
×
×
+
+
×
×
×
×
×
=
+
×
+
+
×
=
−
−
BIAS
REG
lowerFET
SW
REG
BIAS
DR
upperFET
SW
DR
LOSS
DR
I
V
C
f
V
I
V
C
f
V
P
= 57.12 mW
A/V
33
.
8
005
.
0
24
1
1
=
×
=
=
ON
CS
CS
R
A
G
mW
6
.
55
)
002
.
0
5
10
3
.
3
10
300
(
)
V
5
V
13
(
)
(
)
(
9
3
)
(
=
+
×
×
×
×
×
−
=
+
×
×
×
−
=
−
BIAS
REG
total
SW
REG
IN
LDO
DISS
I
V
C
f
V
V
P
where ACS and RON are taken from setting up the current limit
(see the Programming Resistor (RES) Detect Circuit and Valley
Current-Limit Setting sections).
The crossover frequency is 1/12th of the switching frequency:
PCOUT = (IRMS)2 × ESR = (1.5 A)2 × 1.4 mΩ = 3.15 mW
300 kHz/12 = 25 kHz
2
)
(
LOAD
LOSS
DCR
I
DCR
P
×
=
= 0.003 × (15 A)2 = 675 mW
The zero frequency is 1/4th of the crossover frequency:
PCIN = (IRMS)2 × ESR = (7.5 A)2 × 1 mΩ = 56.25 mW
25 kHz/4 = 6.25 kHz
PLOSS = PN1,N2 + PBODY(LOSS) + PSW + PDCR + PDR + PDISS(LDO)
+ PCOUT + PCIN
= 1.215 W + 151.2 mW + 534.6 mW + 57.12 mW + 55.6
+ 3.15 mW + 675 mW + 56.25 mW
= 2.655 W
6
.
0
8
.
1
3
.
8
10
500
10
11
.
1
10
25
141
.
3
2
10
25
.
6
10
25
10
25
2
6
3
3
3
3
3
×
×
×
×
×
×
×
×
×
×
+
×
×
=
×
π
×
+
=
−
−
REF
OUT
CS
M
OUT
CROSS
ZERO
CROSS
CROSS
COMP
V
V
G
G
C
f
f
f
f
R
= 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com