Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 5Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 6Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 11Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 9 of 44
0.808
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0
1000 2000 3000 4000 5000 6000 7000 8000
10,000
9000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
VIN = 16.5V
Figure 16. Output Voltage Accuracy—600 kHz, VOUT = 0.8 V
1.818
1.770
1.772
1.774
1.776
1.778
1.780
1.782
1.784
1.786
1.788
1.790
1.792
1.794
1.796
1.798
1.800
1.802
1.804
1.806
1.808
1.810
1.812
1.814
1.816
0
12,000
10,500
9000
7500
6000
4500
3000
1500
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
Figure 17. Output Voltage Accuracy—600 kHz, VOUT = 1.8 V
5.030
5.025
5.005
5.010
5.015
5.020
5.000
4.995
4.990
4.985
4.980
4.975
4.970
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10,000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
VIN = 16.5V
VIN = 20V
Figure 18. Output Voltage Accuracy—600 kHz, VOUT = 5 V
0
2000
4000
6000
8000
10,000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
0.787
0.789
0.791
0.793
0.795
0.797
0.799
0.801
0.803
0.805
0.807
Figure 19. Output Voltage Accuracy—1.0 MHz, VOUT = 0.8 V
1.820
1.815
1.810
1.805
1.800
1.795
1.790
0
10,000
0
1000 2000 3000 4000 5000 6000 7000 8000 9000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
Figure 20. Output Voltage Accuracy—1.0 MHz, VOUT = 1.8 V
7200
6400
5600
4800
4000
2400
1600
3200
0
9600
8800
8000
800
5.04
4.90
4.91
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
Figure 21. Output Voltage Accuracy—1.0 MHz, VOUT =5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com