Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1871ARMZ-0.6-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1871ARMZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-0.6-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1871ARMZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 9Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 10Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 11Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 12Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 13Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 14Page - Analog Devices ADP1871ARMZ-0.6-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 11 of 44
338
298
302
306
310
314
318
322
326
330
334
0
6400 7200 8000 8800
5600
4800
4000
3200
2400
1600
800
LOAD CURRENT (mA)
VIN = 13V
VIN = 16.5V
+125°C
+25°C
–40°C
Figure 28. Frequency vs. Load Current, 300 kHz, VOUT = 7 V
300
330
360
390
420
450
480
510
540
0
12,000
1200
2400
3600
4800
6000
7200
8400
9600
10,800
LOAD CURRENT (mA)
VIN = 16.5V
VIN = 13V
+125°C
+25°C
–40°C
Figure 29. Frequency vs. Load Current, 600 kHz, VOUT = 0.8 V
675
495
515
535
555
575
595
615
635
655
0
1000 2000 3000 4000 5000 6000 7000 8000 9000 10,000
LOAD CURRENT (mA)
VIN = 16.5V
VIN = 13V
+125°C
+25°C
–40°C
Figure 30. Frequency vs. Load Current, 600 kHz, VOUT = 1.8 V
740
621
628
635
642
649
656
663
670
677
684
691
698
705
712
719
726
733
0
9600
8800
8000
7200
6400
5600
4800
4000
3200
2400
1600
800
LOAD CURRENT (mA)
VIN = 13V
VIN = 16.5V
+125°C
+25°C
–40°C
Figure 31. Frequency vs. Load Current, 600 kHz, VOUT = 5 V
850
775
700
625
550
475
400
0
12,000
10,000
8000
6000
4000
2000
LOAD CURRENT (mA)
VIN = 16.5V
VIN = 13V
+125°C
+25°C
–40°C
Figure 32. Frequency vs. Load Current, VOUT = 1.0 MHz, 0.8 V
550
625
700
775
850
925
1000
1075
1150
1225
0
12,000
9600
10,800
8400
7200
6000
4800
3600
2400
1200
LOAD CURRENT (mA)
VIN = 16.5V
VIN = 13V
+125°C
+25°C
–40°C
Figure 33. Frequency vs. Load Current, 1.0 MHz, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com