Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3222ARZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3222ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3222ARZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADV3222ARZ-R7 Datasheet HTML 1Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 2Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 3Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 4Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 5Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 6Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 7Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VS = ±5 V, TA = 25°C, RL = 150 Ω, CL = 2 pF, ADV3221 at G = +1, ADV3222 at G = +2, unless otherwise noted.
Table 1.
ADV3221
ADV3222
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
1000
800
MHz
2 V p-p
750
750
MHz
Gain Flatness
0.1 dB, 200 mV p-p
100
100
MHz
0.1 dB, 2 V p-p
100
100
MHz
Propagation Delay
2 V p-p
700
650
ps
Settling Time
1%, 2 V step
5
5
ns
Slew Rate
2 V step, peak
2400
2700
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.01
0.02
%
Differential Phase Error
NTSC or PAL
0.01
0.02
Degrees
Crosstalk, All Hostile
f = 100 MHz
−87
−58
dB
f = 5 MHz
−100
−85
dB
Off Isolation, Input to Output
f = 100 MHz, one channel
−67
−72
dB
Input Second-Order Intercept (ADV3222 Only)
f = 70 MHz, RL = 100 Ω
54
dBm
Input Third-Order Intercept (ADV3222 Only)
f = 70 MHz, RL = 100 Ω
17
dBm
Output 1 dB Compression Point (ADV3222 Only)
f = 70 MHz, RL = 100 Ω
18.5
dBm
Input Voltage Noise
10 MHz to 100 MHz
16
17
nV/√Hz
DC PERFORMANCE
Gain Error
No load
1
1
%
RL = 150 Ω
0.75
0.75
%
Gain Matching
Channel-to-channel, no load
1
1
%
OUTPUT CHARACTERISTICS
Output Impedance
DC, enabled
0.02
0.04
Ω
Disabled
1
1
MΩ
Output Disable Capacitance
Disabled
2.8
3
pF
Output Leakage Current
Disabled
2
2
μA
Output Voltage Range
No load
±2.9
±3
±2.9
±3
V
RL = 150 Ω
±2.8
±3
±2.75
±3
V
Short-Circuit Current
50
50
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
±5
±21
±5
±21
mV
Input Offset Voltage Drift
±10
±10
μV/°C
Input Voltage Range
±3
±1.5
V
Input Capacitance
Any switch configuration
1.8
1.8
pF
Input Resistance
Output enabled
1
10
1
10
MΩ
Input Bias Current
Output enabled
5
12
6
12
μA
SWITCHING CHARACTERISTICS
Enable On Time
15
15
ns
Switching Time, 2 V Step
50% A0 to 1% settling
20
20
ns
Switching Transient (Glitch)
IN0 to IN1 switching
28
55
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com