Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3222ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADV3222ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3222ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV3222ARZ-R7 Datasheet HTML 11Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 12Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 13Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 14Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 15Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 16Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 17Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 18Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 15 of 20
5
–5
–4
–3
–2
–1
0
1
2
3
4
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
020
40
100
80
60
TIME (ns)
OUTPUT
INPUT
5
–5
–4
–3
–2
–1
0
1
2
3
4
5
–5
–4
–3
–2
–1
0
1
2
3
4
100
120
140
200
180
160
TIME (ns)
OUTPUT
INPUT
Figure 48. ADV3221 Overdrive Recovery
Figure 51. ADV3222 Overdrive Recovery
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
1k
100
INPUT FREQUENCY (MHz)
HD2 0dBm
HD3 0dBm
HD2 10dBm
HD3 10dBm
70
0
10
20
30
40
50
60
10
1k
100
INPUT FREQUENCY (MHz)
Figure 49. ADV3222 Harmonic Distortion, RL = 100 Ω, CL = 4 pF
Figure 52. ADV3222 Input Second-Order Intercept, RL = 100 Ω, CL = 4 pF
30
0
5
10
15
20
25
10
1k
100
INPUT FREQUENCY (MHz)
20
18
16
14
12
10
8
6
4
2
0
10
1k
100
FREQUENCY (MHz)
Figure 50. ADV3222 Input Third-Order Intercept, RL = 100 Ω, CL = 4 pF
Figure 53. ADV3222 Output P1dB, RL = 100 Ω, CL = 4 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com