Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3222ARZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV3222ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3222ARZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV3222ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 9Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 10Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 11Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 12Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 13Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 14Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 15Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 12 of 20
5
–5
–4
–3
–2
–1
0
1
2
3
4
1.25
–1.25
–1.00
–0.75
–0.50
–0.25
0.25
0
0.50
0.75
1.00
02
4
10
8
6
13
9
7
5
TIME (ns)
ERROR
INPUT
OUTPUT
Figure 30. ADV3221 Settling Time, 2 V Step
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
10k
1k
100
FREQUENCY (MHz)
PSR (V+)
PSR (V–)
Figure 31. ADV3221 PSR
200
0
20
40
60
80
100
120
140
160
180
1k
10k
100k
100M
10M
1M
FREQUENCY (Hz)
Figure 32. ADV3221 Output Noise vs. Frequency
5
–5
–4
–3
–2
–1
0
1
2
3
4
1.25
–1.25
–1.00
–0.75
–0.50
–0.25
0.25
0
0.50
0.75
1.00
02
4
10
8
6
13
9
7
5
TIME (ns)
ERROR
INPUT
OUTPUT
Figure 33. ADV3222 Settling Time, 2 V Step
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
1
10
10k
1k
100
FREQUENCY (MHz)
PSR (V+)
PSR (V–)
Figure 34. ADV3222 PSR
200
0
20
40
60
80
100
120
140
160
180
1k
10k
100k
100M
10M
1M
FREQUENCY (Hz)
Figure 35. ADV3222 Output Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com