Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3222ARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV3222ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3222ARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV3222ARZ-R7 Datasheet HTML 12Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 13Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 14Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 15Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 16Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 17Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 18Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 19Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 16 of 20
CIRCUIT DIAGRAMS
V+
IN
V–
1.8pF
Figure 54. ADV3221/ADV3222 Analog Input
OUT
Figure 55. ADV3221 Enabled Analog Output
OUT
GND
1k
Ω
1k
Ω
Figure 56. ADV3222 Enabled Analog Output
2.8pF (ADV3221)
3.0pF (ADV3222)
OUT
Figure 57. ADV3221/ADV3222 Disabled Output
V–
1k
Ω
GND
100k
Ω
(CK1, CK2 ONLY)
A0, A1, CS
CK1, CK2
V+
Figure 58. ADV3221/ADV3222 Logic Input
V+
V–
IN, OUT
GND
A0, A1,
CK1, CK2,
CS
Figure 59. ADV3221/ADV3222 ESD Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com