Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3222ARZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3222ARZ-R7
Description  800 MHz, 4:1 Analog Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3222ARZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADV3222ARZ-R7 Datasheet HTML 1Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 2Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 3Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 4Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 5Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 6Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 7Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 8Page - Analog Devices ADV3222ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV3221/ADV3222
Rev. 0 | Page 4 of 20
ADV3221
ADV3222
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
V+, output enabled, no load
7
8
7.5
9
mA
V+, output disabled (CS high)
1.6
2.0
1.8
2.2
mA
V−, output enabled, no load
7
8
7.5
9
mA
V−, output disabled (CS high)
1.6
2.0
1.8
2.2
mA
Supply Voltage Range
±4.5
±5.5
±4.5
±5.5
V
Power Supply Rejection (PSR)
f = 100 kHz
−70
−65
dB
f = 1 MHz
−60
−55
dB
TEMPERATURE
Operating Temperature Range
Still air
−40
+85
−40
+85
°C
Junction-to-Ambient Thermal Impedance (θJA)
Operating (still air)
81
81
°C/W
TIMING AND LOGIC CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
A0, A1, CS Setup Time
t1
20
ns
CK1 Pulse Width
t2
40
ns
CK1 to CK2 Pulse Separation
t3
40
ns
CK2 Pulse Width
t4
40
ns
A0, A1, CS Hold Time
t5
20
ns
Table 3. Logic Levels
VIH
VIL
IIH
IIL
IIH
IIL
A0, A1, CK1, CK2, CS
A0, A1, CK1, CK2, CS
A0, A1, CS
A0, A1, CS
CK1, CK2
CK1, CK2
+2.0 V min
+0.8 V max
±2 μA max
±2 μA max
+60 μA max
+10 μA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com