Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139ACMTR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2139ACMTR Datasheet HTML 1Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 2Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 3Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 4Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 5Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 6Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 7Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NX2139A
3
Rev. 2.3
03/19/09
N
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
VCC UVLO
Under-voltage Lockout
threshold
V
CC_UVLO
3.9
4.1
4.5
V
Falling VCC threshold
3.7
3.9
4.3
V
ON and OFF time
TON operating current
VIN=15V, Rton=1Mohm
15
uA
ON -time
VIN=9V,VOUT=0.75V,
Rton=1Mohm
312
390
468
ns
Minimum off time
380
590
800
ns
FB voltage
Internal FB voltage
Vref
0.739
0.75
0.761
V
Input bias current
100
nA
Line regulation
VCC from 4.5V to 5.5V
-1
1
%
OUTPUT voltage
Output range
0.75
3.3
V
VOUT shut down discharge
resistance
ENSW/MODE=GND
30
ohm
Soft start time
1.5
ms
PGOOD
Pgood high rising threshold
90
% Vref
PGOOD delay after softstart
NOTE1
1.6
ms
PGOOD propagation delay
filter
NOTE1
2
us
Power good hysteresis
5
%
Pgood output switch
impedance
13
ohm
Pgood leakage current
1
uA
SW zero cross comparator
Offset voltage
5
mV
High Side Driver
(CL=3300pF)
Output Impedance , Sourcing
Current
R
source(Hdrv)
I=200mA
1.5
ohm
Output Impedance , Sinking
Current
R
sink(Hdrv)
I=200mA
1.5
ohm
Rise Time
THdrv(Rise)
10% to 90%
50
ns
Fall Time
THdrv(Fall)
90% to 10%
50
ns
Deadband Time
Tdead(L to
H)
Ldrv going Low to Hdrv going
High, 10% to 10%
30
ns
Low Side Driver
(CL=3300pF)
Output Impedance, Sourcing
Current
R
source(Ldrv)
I=200mA
1.5
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
0.5
ohm
Rise Time
TLdrv(Rise)
10% to 90%
50
ns
Fall Time
TLdrv(Fall)
90% to 10%
50
ns
10
ns
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv going
High, 10% to 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com