Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139ACMTR Datasheet(PDF) 16 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button NX2139ACMTR Datasheet HTML 12Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 13Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 14Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 15Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 16Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 17Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 18Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 19Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
NX2139A
16
Rev. 2.3
03/19/09
Here C
C is chosen to be 33pF. For electrolytic or
POSCAP, R
C is typically
selected to be zero.
R
f2 is determined by the desired output voltage.
f1
REF
f2
LDOOUT
REF
RV
R=
VV
7.5k
0.75V
=
1.5V
0.75V
=7.5k
×
−
Ω×
−
Ω
Choose R
f2=7.5kΩ.
When ceramic capacitors or some low ESR bulk
capacitors are chosen as LDO output capacitors, the
zero caused by output capacitor ESR is so high that
crossover frequency F
O has to be chosen much higher
than zero caused by R
C and CC and much lower than
zero caused by ESR . For example, 10uF ceramic is
used as output capacitor. We select Fo=300kHz,
R
f1=7.5kohm and select
MOSFET SI4800(g
m=19). RC
and C
C can be calculated as follows.
OUT
m
O
O
OUT
C
f1
OUT
m
m
OUT
V
1+g
2
F
CI
R =R
V
g
g
I
1.5V
1+19S
2
300kHz 20uF
2A
=7.5k
1.5V
19S
19S
2A
=14.9k
×
×π ××
××
×
×
×π ××
Ω ××
×
Ω
Typically R
C is chosen to be 1 to 1.5 times smaller
than calculated value to compensate parasitic effect.
Choose R
C=20kΩ.
O
C
Cm
10C
C=
Rg
10 20uF
=
20k
19S
=0.53nF
×
×
×
Ω×
Choose C
C=1000pF.
Current Limit for LDO
Current limit of LDO is achieved by sensing the
LDO feedback voltage. When LDO_FB pin is below
70% of V
REF, the IC goes into latch mode.
The IC will
turn off all the channel until VCC or ENSW resets.
Power Good for LDO
Power good output is open drain output, a pull
up resistor is needed. Typically when softstart is
finised and LDOFB pin voltage is over 90% of V
REF,
the LDOPGOOD pin is pulled to high.
Layout Considerations
The layout is very important when designing high
frequency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
There are two sets of components considered in
the layout which are power components and small sig-
nal components. Power components usually consist of
input capacitors, high-side MOSFET, low-side
MOSFET, inductor and output capacitors. A noisy en-
vironment is generated by the power components due
to the switching power. Small signal components are
connected to sensitive pins or nodes. A multilayer lay-
out which includes power plane, ground plane and sig-
nal plane is recommended .
Layout guidelines:
1. First put all the power components in the top
layer connected by wide, copper filled areas. The input
capacitor, inductor, output capacitor and the MOSFETs
should be close to each other as possible. This helps
to reduce the EMI radiated by the power loop due to
the high switching currents through them.
2. Low ESR capacitor which can handle input
RMS ripple current and a high frequency decoupling
ceramic cap which usually is 1uF
need to be practi-
cally touching the drain pin of the upper MOSFET, a
plane connection is a must.
3. The output capacitors should be placed as close
as to the load as possible and plane connection is re-
quired.
4. Drain of the low-side MOSFET and source of
the high-side MOSFET need to be connected thru a
plane and as close as possible. A snubber needs to be
placed as close to this junction as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com