Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139ACMTR Datasheet(PDF) 8 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button NX2139ACMTR Datasheet HTML 4Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 5Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 6Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 7Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 9Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 10Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 11Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NX2139A
8
Rev. 2.3
03/19/09
Bill of Materials
Item
Quantity
Reference
Value
Manufacture
1
2
CI1
10uF/25V/X5R
2
2
CO2
10uF/6.3V/X5R
3
1
CO1
2R5TPE330MC
SANYO
4
3
C1,C2,C4
1uF
5
2
C3,C5
1nF
6
1
C6
33nF
7
1
C7
1.5nF
8
1
C8
330pF
9
1
Lo
DO5010H-152
COILCRAFT
10
1
M1
IRF7807
IR
11
1
M2
AO4714
AOS
12
1
M3
SI4800
PHILIPS
13
2
R1,R3
100k
14
1
R2
10
15
1
R4
1M
16
1
R5
5k
17
1
R6
10.5k
18
3
R7,R10,R11
7.5k
19
1
R8
50
20
1
R9
20k
21
2
R12,R13
2.2
22
1
U1
NX2139A
NEXSEM INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com