Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139ACMTR Datasheet(PDF) 6 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button NX2139ACMTR Datasheet HTML 2Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 3Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 4Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 5Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 6Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 7Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 9Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
NX2139A
6
Rev. 2.3
03/19/09
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the NX2139A
soft
start
VIN
BST(13)
HDRV(12)
LDRV(8)
PGND
SW(11)
PVCC(9)
5V
FET Driver
start
ODB
HD_IN
start
VOUT(1)
0.9*Vref
SS_finished
PGOOD(4)
OCSET(10)
ENSW
/MODE(15)
start
POR
FB(3)
GND(17 PAD)
TON(16)
HD
VREF=0.75V
FBUVLO_latch
R
S
Q
Mini offtime
400ns
OCP_COMP
HD
Diode
emulation
OCP_COMP
0.7*Vref
FB
1.25*Vref/0.7VREF
FB
OVP
FBUVLO_latch
VOUT
Sync
PFM_nonultrasonic
4.3/4.1
VCC(2)
Bias
POR
Disable
Disable_B
0.9*Vref
LDOSS_finished
LDOPG(5)
ENLDO(14)
LDO_POR
LDODRV(7)
LDOFB(6)
0.7*Vref
LDOFBUVLO_latch
LDOFBUVLO_latch
VOUT
VIN
1.5V@2A~5A
1.8V
Thermal
shutdown
soft start
ON time
pulse
genearation
VOUT
MODE
SELECTION
LDO_EN
VCC
1M
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com