Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX2139ACMTR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # NX2139ACMTR
Description  SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2139ACMTR Datasheet(HTML) 4 Page - Microsemi Corporation

  NX2139ACMTR Datasheet HTML 1Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 2Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 3Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 4Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 5Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 6Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 7Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 8Page - Microsemi Corporation NX2139ACMTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NX2139A
4
Rev. 2.3
03/19/09
NOTE1: This parameter is guaranteed by design but not tested in production(GBNT).
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
ENSW/MODE threshold and
bias current
PFM/Non Synchronous Mode
80%
VCC
VCC+0
.3V
V
Ultrasonic Mode
60%
VCC
80%
VCC
V
Synchronous Mode
Leave it open or use limits in
spec
2
60%
VCC
V
Shutdown mode
0
0.8
V
ENSW/MODE=VCC
5
uA
ENSW/MODE=GND
-5
uA
LDO Controller
Quiescent current
PWM OFF, LDOEN=HI,
IOUT=0mA
1
mA
LDOEN logic high voltage
2
V
LDOEN logic low voltage
0.8
V
LDOFB reference voltage
0.728
0.75
0.773
V
Output UVLO threshold
70
%Vref
Open loop gain
NOTE1
60
DB
LDOFB input bias current
1
uA
LDODrv sourcing current
LDOFB=0.72V
2
mA
LDODrv sinking current
LDOFB=0.78V
2
mA
LDO PGOOD threshold
90
%Vref
LDO PGOOD propagation
delay filter
NOTE1
2
us
LDO PGOOD impedance
13
ohm
Current Limit
Ocset setting current
20
24
28
uA
Over temperature
Threshold
NOTE1
155
oC
Hysteresis
15
oC
Under voltage
FB threshold
70
%Vref
Over voltage
Over voltage tripp point
125
%Vref
Internal Schottky Diode
Forward voltage drop
Forward current=50mA
500
mV
Input bias current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com