Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8181 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Advanced Information
WM8181
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
9
CCD
Outputs
VSMP
S/H
Reset
DOUT
MCLK
Reset
Video Pixel 1
Reset
Video Pixel 2
Video Pixel 3
D11
→ D0 PIXEL - 2
D11
→ D0 PIXEL - 1
D11
→ D0
PIXEL 0
LATENCY = 32.5 MCLK PERIODS
0000
0000
0000
Video Pixel 0
Figure 5 16:1 Operation
APPLICATIONS RECOMMENDATIONS
INTRODUCTION
The WM8181 is a mixed signal device, therefore careful PCB layout is required. The following
section contains PCB layout guidelines, which are recommended for optimal performance from the
WM8181, and some typical application circuits.
PCB LAYOUT
1)
Use separate analogue and digital power and ground planes. The analogue and digital ground
planes should be connected as close as possible to, or underneath, the WM8181.
2)
Place all supply decoupling capacitors as close as possible to their respective supply pins and
provide a low impedance path from the capacitors to the appropriate ground.
3)
Avoid noise on AGND pins 1 and 2.
4)
Avoid noise on reference pins VRT and VRB. Place the decoupling capacitors as close as
possible to these pins and provide a low impedance path from the capacitors to analogue
ground.
5)
When VREFIN is used as an external reference control, any noise on VREFIN will degrade the
performance of the ADC. In this case, VREFIN must be carefully de-coupled to AGND.
6)
Minimise load capacitance on digital output DOUT. Capacitive loads of greater than 20pF will
degrade performance. Use buffers if necessary and keep tracks short.
TYPICAL APPLICATIONS
The WM8181 is intended for colour scanner applications using a line-by-line architecture and
monochrome scanners, as used in fax machines.
The low pincount and simple digital interface gives the scanner designer the opportunity to place the
ADC near to the sensor. This allows the video information to be converted into the digital domain as
early as possible in the signal chain and minimises analogue noise problems. In the typical
architecture of a flatbed scanner, this means that only power and digital signals appear on the ribbon
minimising crosstalk between the digital clocks and analogue video signals. Care must be taken to
avoid any increase in EMI generated by the higher clock rates on the ribbon cable.
CIS SCANNER
The WM8181 is ideal for use in CIS based scanners where the video output is supplied on a single
output pin. This is true of the majority of colour CIS and all monochrome CIS.
In general, CIS devices provide a video output that becomes more positive for more illumination. This
situation corresponds to the d.c. Coupled Positive Video diagram, Figure 6. The value of the black
reference voltage should be set to be slightly less than the black level output from the CIS to ensure
that the black never saturates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com