Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8181 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 14Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
12
During the reset period of the video waveform the user applies a logic high signal to the CLAMP pin,
connecting the VINP pin to the VINM pin. This is illustrated in Figure 10. This has the effect of
charging, or discharging, the VINM side of the coupling capacitor to the black reference voltage
applied to VINP. When the CLAMP pin is taken low again the voltage across the capacitor will stay at
a fixed value and the input to the WM8181 will follow the output from the CCD. The WM8181
therefore converts the true value of the video signal, VRS – VVS.
V
RS
V
VS
CL O S E D
O P E N
CL O S E D
CL O S E D
OP E N
OP E N
VIDEO
SIG N AL
CL AM P
SW IT CH
CL AM P
Figure 10 Clamp Switch Operation.
ADJUSTING THE ADC INPUT RANGE
The WM8181 normally uses an internal bandgap reference to generate the ADC reference voltages.
With the recommended decoupling on the VRT and VRB pins, this ensures that the ADC receives
the cleanest reference voltages and thus achieves the optimum performance. The full scale input
range of the ADC is fixed in this mode to be 1.5V and is largely independent of supply voltage
variations. VREFIN should be connected to AVDD in this case.
It is possible to adjust the input range of the ADC by applying an externally generated voltage to the
VREFIN pin. The value of the ADC references and the corresponding input range of the ADC can be
determined from Table 1 in the Device Description section of this datasheet. Care must be taken to
avoid any noise on the VREFIN pin, as any noise on this pin with respect to AGND will degrade the
performance of the WM8181.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com