Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8181 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8181 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8181CDW
0 to 70
oC
16-pin SOIC wide
body
DVDD
AGND2
215
AVDD
AGND1
116
DOUT
VREFIN
314
MCLK
VINP
413
VSMP
VINM
512
CLAMP
VRB
611
DGND
VRT
710
9
8
NC
NC
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AGND1
Ground
General analogue ground (0V).
2
AGND2
Ground
Reference analogue ground (0V).
3
VREFIN
Analogue input
Allows external control of the ADC references.
4
VINP
Analogue input
Positive video input
5
VINM
Analogue input
Negative video input
Usually one of VINP or VINM will be an externally
applied d.c. bias, the other will be a signal voltage.
6
VRB
Analogue output
Lower reference voltage. This pin must be connected to AGND and VRT via
decoupling capacitors. See Recommended External Components section for details.
7
VRT
Analogue output
Upper reference voltage. This pin must be connected to AGND and VRB via
decoupling capacitors. See Recommended External Components section for details.
8NC
No internal connection
9NC
No internal connection
10
DGND
Ground
Digital ground (0V).
11
CLAMP
Digital input
Connects VINP and VINM together, active high.
12
VSMP
Digital input
Video sample synchronisation pulse, at input pixel rate. Sampled on rising edge of
MCLK. See Operational Timing Diagrams for details.
13
MCLK
Digital input
Master clock. This clock can be applied at either 12 or 16 times the input pixel rate.
14
DOUT
Digital output
ADC serial data output, changes on falling edge of MCLK.
15
DVDD
Supply
Digital supply (3.3V, 5V).
16
AVDD
Supply
Analogue supply (3.3V, 5V).
POSSIBLE POWER SUPPLY COMBINATIONS
COMBINATION
AVDD (VOLTS)
DVDD (VOLTS)
155
23.3
3.3
35
3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com