Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8181 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8181 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Advanced Information
WM8181
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
3
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Digital supply voltage: DVDD
GND - 0.3V
GND + 7V
Analogue supply voltage: AVDD
GND - 0.3V
GND + 7V
Digital ground: DGND. Analogue ground: AGND1, AGND2
GND - 0.3V
GND + 0.3V
Digital inputs: MCLK, VSMP, CLAMP
GND - 0.3V
DVDD + 0.3V
Digital outputs: DOUT
GND - 0.3V
DVDD + 0.3V
Analogue inputs: VINM, VINP, VREFIN
GND - 0.3V
AVDD + 0.3V
Reference pins: VRT, VRB
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
0
oC+70oC
Storage temperature
-65
oC
+150
oC
Package body temperature (soldering 10 seconds)
+240
oC
Package body temperature (soldering 2 minutes)
+183
oC
Notes: 1.
GND denotes the voltage of any ground pin.
2.
AGND and DGND pins are intended to be operated at the same potential. Differential voltages between these pins will
degrade performance.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating temperature range
TA
070
°C
Analogue supply voltage (5V)
AVDD
4.5
5.0
5.5
V
Analogue supply voltage (3.3V)
AVDD
2.97
3.3
3.63
V
Digital input and output
supply voltage
DVDD
2.97
3.3
AVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com