Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8181 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8181
Description  12-bit 2MSPS Serial Output CIS/CCD Digitiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8181 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8181 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8181 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WM8181
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 January 2000
4
ELECTRICAL CHARACTERISTICS
TEST CHARACTERISTICS
AVDD = DVDD = 2.97 to 3.63V and 4.5 to 5.5V, AGND1 = AGND2 = DGND = 0V, TA = 0 to 70
°C, MCLK = 24MHz
unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOGUE SPECIFICATION
12-bit ADC including Sample and Hold. No Missing Codes Guaranteed.
Maximum sample rate
MCLK:VSMP ratio = 12:1
2
MSPS
Input signal voltage for
ADC full-scale (internal
reference control)
VINP-VINM
1.5
V
Input signal voltage for
ADC full-scale (external
reference control)
VINP-VINM
VREFIN
V
Input signal voltage for
ADC zero-scale (internal
reference control)
VINP-VINM
0
V
Input signal voltage for
ADC zero-scale (external
reference control)
VINP-VINM
0
V
Differential non-linearity
DNL
0.5
LSB
Integral non-linearity
INL
1.5
LSB
Analogue Inputs
Input voltage limits
VINP, VINM
0
AVDD
V
References: VRT, VRB
AVDD = 5V
2.85
V
VRT (internal reference control)
AVDD = 3.3V
1.70
V
AVDD = 5V
1.35
V
VRB (internal reference control)
AVDD = 3.3V
0.95
V
AVDD = 5V
2.10 +
VREFIN/2
V
VRT (external reference control)
AVDD = 3.3V
1.35 +
VREFIN/4
V
AVDD = 5V
2.10 -
VREFIN/2
VRB (external reference control)
AVDD = 3.3V
1.35 -
VREFIN/4
V
VRT, VRB output leakage
Power down
<1
µA
Clamp
VINM to VINP leakage
CLAMP low
<1
µA
VINM to VINP resistance
CLAMP high, AVDD = 3.3V
VINP = VINM = 2V
50
Ω
VINM to VINP resistance
CLAMP high, AVDD = 5V
VINP = VINM = 1.4V
30
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com