Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8191 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8191 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Advanced Information
WM8191
WOLFSON MICROELECTRONICS LTD
AI Rev 3.1 April 2001
13
MCLK
VSMP
VS
R
S/CL (CDSREF = 00)
R
S/CL (CDSREF = 01)
R
S/CL (CDSREF = 10)
R
S/CL (CDSREF = 11)
Figure 10 Reset Sample and Clamp Timing
For CIS type sensor signals, non-CDS processing is used. In this case, the video level is processed
with respect to the voltage on pin VRLC/VBIAS, generated internally or externally as described
above. The VRLC/VBIAS pin is sampled by Rs at the same time as Vs samples the video level in
this mode.
OFFSET ADJUST AND PROGRAMMABLE GAIN
The output from the CDS block is a differential signal, which is added to the output of an 8-bit offset
DAC to compensate for offsets and then amplified by an 8-bit PGA. The gain and offset for each
channel are independently programmable by writing to control bits DAC[7:0] and PGA[7:0].
In colour line-by-line mode the gain and offset coefficients for each colour can be multiplexed in order
(Red
→ Green → Blue → Red…) by pulsing the ACYC/RLC pin, or controlled via the FME,
ACYCNRLC and INTM[1:0] bits. Refer to the Line-by-Line Operation section for more details.
ADC INPUT BLACK LEVEL ADJUST
The output from the PGA must be offset to match the full-scale range of the ADC. For negative-going
input signals, a black level (zero differential) output from the PGA should be offset to the top of the
ADC range. For positive going input signal the black level should be offset to the bottom of the ADC
range. This is achieved by writing to control bits PGAFS[1:0].
OVERALL SIGNAL FLOW SUMMARY
Figure 11 represents the processing of the video signal through the WM8191.
V
RESET
V
VRLC
V
3
CDS = 1
CDS = 0
RLCEXT=1
260mV*(DAC[7:0]-127.5)/127.5
analog
-
X
+
+
V
RLCSTEP*RLCV[3:0] + VRLCBOT
OP[13:0]
D
1
digital
ADC BLOCK
PGA
BLOCK
OFFSET DAC
BLOCK
INPUT
SAMPLING
BLOCK
D
2
CDS, RLCEXT,RLCV[3:0], DAC[7:0],
PGA[7:0], PGAFS[1:0] and INVOP are set
by programming internal control registers.
CDS = 1 for CDS, 0 for non-CDS
V
IN is RINP or GINP or BINP
V
RESET is VIN sampled during reset clamp
V
VRLC is voltage applied to VRLC pin
V
IN
x (16383/V
FS)
+0
if PGAFS[1:0]=11
+16383 if PGAFS[1:0]=10
+8191 if PGAFS[1:0]=0x
PGA gain
A = 208/(283-PGA[7:0])
OUTPUT
INVERT
BLOCK
D2 = D1 if INVOP = 0
D2 = 16383-D1 if INVOP = 1
Offset
DAC
RLC
DAC
+
V
2
V
1
RLCEXT=0
Figure 11 Overall Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com