Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8191 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8191 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Advanced Information
WM8191
WOLFSON MICROELECTRONICS LTD
AI Rev 3.1 April 2001
23
DEVICE CONFIGURATION
REGISTER MAP
The following table describes the location of each control bit used to determine the operation of the
WM8191. The register map is programmed by writing the required codes to the appropriate
addresses via the serial or parallel interface.
BIT
ADDRESS
<a5:a0>
DESCRIPTION
DEF
(hex)
RW
b7
b6
b5
b4
b3
b2
b1
b0
000001
Setup Reg 1
03
RW
MODE4
PGAFS[1]
PGAFS[0]
SELPD
MONO
CDS
EN
000010
Setup Reg 2
20
RW
DEL[1]
DEL[0]
RLCDACRNG
0
VRLCEXT
INVOP
MUXOP[1]
MUXOP[0]
000011
Setup Reg 3
1F
RW
CHAN[1]
CHAN[0]
CDSREF [1]
CDSREF [0]
RLCV[3]
RLCV[2]
RLCV[1]
RLCV[0]
000100
Software Reset
00
W
000101
Auto-cycle Reset
00
W
000110
Setup Reg 4
00
RW
FM[1]
FM[0]
INTM[1]
INTM[0]
RLCINT
FME
ACYCNRLC
LINEBYLINE
000111
Revision Number
41
R
001000
Setup Reg 5
00
RW
0
0
0
POSNNEG
VDEL[2]
VDEL[1]
VDEL[0]
VSMPDET
001001
Setup Reg 6
00
RW
0
0
0
0
SELDIS[3]
SELDIS[2]
SELDIS[1]
SELDIS[0]
001010
Reserved
00
RW
0
0
0
0
0
0
0
0
001011
Reserved
00
RW
0
0
0
0
0
0
0
0
001100
Reserved
00
RW
0
0
0
0
0
0
0
0
100000
DAC Value (Red)
80
RW
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
100001
DAC Value
(Green)
80
RW
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
100010
DAC Value (Blue)
80
RW
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
100011
DAC Value (RGB)
80
W
DAC[7]
DAC[6]
DAC[5]
DAC[4]
DAC[3]
DAC[2]
DAC[1]
DAC[0]
101000
PGA Gain (Red)
00
RW
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
101001
PGA Gain
(Green)
00
RW
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
101010
PGA Gain (Blue)
00
RW
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
101011
PGA Gain (RGB)
00
W
PGA[7]
PGA[6]
PGA[5]
PGA[4]
PGA[3]
PGA[2]
PGA[1]
PGA[0]
Table 6 Register Map
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 7.
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0EN
1
Global power down: 0 = complete power down, 1 = fully active.
1
CDS
1
Select correlated double sampling mode: 0 = single ended mode,
1 = CDS mode.
2MONO
0
Mono/colour select: 0 = colour, 1 = monochrome operation.
3
SELPD
0
Selective power down: 0 = no individual control,
1 = individual blocks can be disabled (controlled by SELDIS[3:0]).
Offsets PGA output to optimise the ADC range for different polarity sensor
output signals. Zero differential PGA input signal gives:
5:4
PGAFS[1:0]
00
00 = Zero output
(use for bipolar video)
01 = Zero output
10 = Full-scale positive output
(use for negative going video)
11 = Full-scale negative output
(use for positive going video)
Setup
Register 1
6MODE4
0
Required when operating in MODE4: 0 = other modes, 1 = MODE4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com