Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8191 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8191 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Advanced Information
WM8191
WOLFSON MICROELECTRONICS LTD
AI Rev 3.1 April 2001
3
PIN
NAME
TYPE
DESCRIPTION
21
OP[0]
Digital output
22
OP[1]
Digital output
23
OP[2]
Digital output
Pins OP[13:0] form a Hi-Z digital bi-directional bus. There are several modes:
Hi-Z: when OEB = 1.
14-bit output: 14-bit data is output on OP[13:0].
8-bit multiplexed output: data is output on OP[13:6] at 2
∗ ADC conversion rate.
7-bit multiplexed output: data is output on OP[13:6] at 2
∗ ADC conversion rate.
4-bit multiplexed output: data is output on OP[13:10] at 4
∗ ADC conversion rate.
See Output Formats section in Device Description for further details.
Input 8-bit: control data is input on OP[13:6] in parallel mode when SCK/RNW = 0,
and SEN/STB = 0.
Output 8-bit: register read back data is output in parallel on OP[13:6] when
SCK/RNW = 1, and SEN/STB = 0, or in serial on pin SDO when SEN/STB = 1.
24
DVDD2
Supply
Digital I/O supply (3.3V/5V).
25
DGND2
Supply
Digital ground (0V).
26
OP[3]
Digital output
27
OP[4]
Digital output
28
OP[5]
Digital output
29
OP[6]
Digital I/O
See pins 21 to 23 for details.
30
DGND3
Supply
Digital ground (0V).
31
OP[7]
Digital I/O
32
OP[8]
Digital I/O
33
OP[9]
Digital I/O
34
OP[10]
Digital I/O
See pins 21 to 23 for details.
35
DVDD3
Supply
Digital I/O supply (3.3V/5V).
36
DGND4
Supply
Digital ground (0V).
37
OP[11]
Digital I/O
38
OP[12]
Digital I/O
39
OP[13]/SDO
Digital I/O
See pins 21 to 23 for details.
If the device has been configured to use the serial interface, pin OP[13]/SDO may
be used to output register read-back data when OEB = 0 and SEN has been
pulsed high.
See Serial Interface sections in Device Description for further details.
40
DGND5
Supply
Digital ground (0V).
41
NC
No connection.
42
NRESET
Digital input
Reset input, active low. This signal forces a reset of all internal registers and selects
whether the serial or parallel control interface is used. See pin SEN/STB.
43
AVDD1
Supply
Analogue supply (5V).
44
AVDD2
Supply
Analogue supply (5V).
45
AGND5
Supply
Analogue ground (0V).
46
AGND6
Supply
Analogue ground (0V).
47
VRB
Analogue output
Lower reference voltage. This pin must be capacitively decoupled to AGND.
48
VRT
Analogue output
Lower reference voltage. This pin must be capacitively decoupled to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com