Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8191 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8191 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
WM8191
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.1 April 2001
24
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
Determines the output data format.
1:0
MUXOP[1:0]
00
00 = 14-bit parallel
01 = 8-bit multiplexed (8+6 bits)
10 = 7-bit multiplexed mode (7+7 bits)
11 = 4-bit multiplexed mode (4+4+4+2
bits)
2INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative going video gives positive going output data.
3
VRLCEXT
0
When set powers down the RLCDAC, changing its output to Hi-Z, allowing
VRLC/VBIAS to be externally driven.
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
Sets the output latency in ADC clock periods.
1 ADC clock period = 2 MCLK periods except in Mode 3 where 1 ADC
clock period = 3 MCLK periods.
Setup
Register 2
7:6
DEL[1:0]
00
00 = Minimum latency
01 = Delay by one ADC clock
period
10 = Delay by two ADC clock periods
11 = Delay by three ADC clock
periods
3:0
RLCV[3:0]
1111
Controls RLCDAC driving VRLC/VBIAS pin to define single ended signal
reference voltage or Reset Level Clamp voltage. See Electrical
Characteristics section for ranges.
CDS mode reset timing adjust.
5:4
CDSREF[1:0]
01
00 = Advance 1 MCLK period
01 = Normal
10 = Retard 1 MCLK period
11 = Retard 2 MCLK periods
Monochrome mode channel select.
Setup
Register 3
7:6
CHAN[1:0]
00
00 = Red channel select
01 = Green channel select
10 = Blue channel select
11 = Reserved
Software
Reset
Any write to Software Reset causes all cells to be reset.
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle counter to reset
to RINP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com