Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8191 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8191
Description  14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8191 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8191 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8191 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
WM8191
14-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
Advanced Information, April 2001, Rev 3.1
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Advanced Information data sheets contain
preliminary data on new products in the
preproduction phase of development.
Supplementary data will be published at a
later date.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8191 is a 14-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 6MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 14-bit
analogue-to-digital converter. The digital output data is
available in 14-bit parallel or 8/7/4-bit wide multiplexed
format, with no missing codes.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. Alternatively an external reference level may be
applied. ADC references are generated internally, ensuring
optimum performance from the device.
Using an analogue supply voltage of 5V and a digital
interface supply of either 5V or 3.3V, the WM8191 typically
only consumes 250mW when operating from a single 5V
supply and less than 1
µA when in power down mode.
FEATURES
•
14-bit ADC
•
No missing codes guaranteed
•
6MSPS conversion rate
•
Low power – 250mW typical
•
5V single supply or 5V/3.3V dual supply operation
•
Single or 3 channel operation
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
14-bit parallel or 8/7/4-bit wide multiplexed data output
formats
•
Internally generated voltage references
•
48-pin TQFP package
•
Serial or parallel control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM
M
U
X
RINP (8)
DATA
I/O
PORT
(12) SEN/STB
VSMP
(15)
MCLK
(17)
VRLC/VBIAS
(2)
(13) SDI/DNA
(14) SCK/RNW
TIMING CONTROL
CL
(16) RLC/ACYC
RLC
V
S
R
S
BINP (4)
GINP (6)
VRX
(1)
VRT
(48)
VREF/BIAS
(11) OEB
M
U
X
M
U
X
VRB
(47)
RLC
RLC
CDS
CDS
CDS
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
OFFSET
DAC
PGA
8
8
OFFSET
DAC
PGA
8
OFFSET
DAC
RLC
DAC
8
4
+
+
+
CONFIGURABLE
SERIAL/
PARALLEL
CONTROL
INTERFACE
14-
BIT
ADC
AVDD1-2
(43, 44)
(21) OP[0]
(22) OP[1]
(23) OP[2]
(26) OP[3]
(27) OP[4]
(28) OP[5]
(29) OP[6]
(31) OP[7]
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
WM8191
DVDD1-3
(10, 24, 35)
(32) OP[8]
(33) OP[9]
(34) OP[10]
(37) OP[11]
(38) OP[12]
(39) OP[13]/SDO
(42) NRESET
(18, 25, 30, 36, 40)
DGND1-5
(3, 5, 7, 9, 45, 46)
AGND1-6


Similar Part No. - WM8191

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195_05 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
More results

Similar Description - WM8191

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8141 WOLFSON-WM8141 Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8148 WOLFSON-WM8148 Datasheet
491Kb / 43P
12-bit/12MSPS CCD/CIS Analogue Front End/Digitiser
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8195 WOLFSON-WM8195 Datasheet
334Kb / 31P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8195 WOLFSON-WM8195_05 Datasheet
382Kb / 33P
14-bit 12MSPS CIS/CCD Analogue Front End/Digitiser
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com