Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z3 Datasheet(PDF) 2 Page - Rohm

Part # MP6Z3
Description  Medium Power Transistor (60V, 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z3 Datasheet(HTML) 2 Page - Rohm

  MP6Z3 Datasheet HTML 1Page - Rohm MP6Z3 Datasheet HTML 2Page - Rohm MP6Z3 Datasheet HTML 3Page - Rohm MP6Z3 Datasheet HTML 4Page - Rohm MP6Z3 Datasheet HTML 5Page - Rohm MP6Z3 Datasheet HTML 6Page - Rohm MP6Z3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP6Z3
Transistors
Rev.A
2/6
Electrical characteristics (Ta=25 C)
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
60
6
−
−
120
−
−
−
−
−
−
−
−
200
−
200
20
−
−
−
1.0
1.0
270
500
−
−
VIC
=1mA
IC
=100μA
IE
=100μA
VCB
=40V
VEB
=4V
VCE
=2V, IC=100mA
VCE
=10V, IE=−100mA, f=10MHz
∗1
∗2
∗2
∗2
∗1
IC
=2.0A, IB=0.2A
VCB
=10V, IE=0A, f=1MHz
V
V
μA
μA
−
mV
MHz
pF
ton
−
50
−
IC
=3A
ns
tstg
−
150
−
IB1
=300mA
IB2
= −300mA
ns
tf
−
30
−
VCC
25V
ns
Typ.
Max.
Unit
Conditions
∼−
Collector-Emitter breakdown voltage
<Tr1>
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
∗1 Pulsed
∗2 See switching time test circuit
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−60
−6
−
−
120
−
−
−
−
−
−
−
−
−200
−
180
50
−
−
−
−1.0
−1.0
270
−500
−
−
VIC
= −1mA
IC
= −100μA
IE
= −100μA
VCB
= −40V
VEB
= −4V
VCE
= −2V, IC= −100mA
VCE
= −10V, IE=100mA, f=10MHz
∗1
∗2
∗2
∗2
∗1
IC
= −2.0A, IB= −0.2A
VCB
= −10V, IE=0A, f=1MHz
V
V
μA
μA
−
mV
MHz
pF
ton
−
20
−
IC
= −3A
ns
tstg
−
150
−
IB1
= −300mA
IB2
= 300mA
ns
tf
−
20
−
VCC
−25V
ns
Typ.
Max.
Unit
Conditions
∼−
<Tr2>
Collector-Emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut off current
Emitter cut off current
DC current gain
Collector-emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Storage time
Fall time
∗1 Pulsed
∗2 See switching time test circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com