Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z3 Datasheet(PDF) 3 Page - Rohm

Part # MP6Z3
Description  Medium Power Transistor (60V, 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z3 Datasheet(HTML) 3 Page - Rohm

  MP6Z3 Datasheet HTML 1Page - Rohm MP6Z3 Datasheet HTML 2Page - Rohm MP6Z3 Datasheet HTML 3Page - Rohm MP6Z3 Datasheet HTML 4Page - Rohm MP6Z3 Datasheet HTML 5Page - Rohm MP6Z3 Datasheet HTML 6Page - Rohm MP6Z3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP6Z3
Transistors
Rev.A
3/6
Electrical characteristics curves
VCE
=2V
0.01
0.1
10
1
BASE TO EMITTER VOLTAGE : VBE
(V)
0
0.5
1
1.5
2
Fig.1 Ground emitter propagation
characteristics
Ta
=100°C
Ta
=125°C
Ta
=25°C
Ta
= −40°C
0.001
0.01
0.1
10
1
1
10
100
1000
COLLECTOR CURRENT : IC (A)
VCE
=5V
VCE
=3V
VCE
=2V
Fig.3 DC current gain vs. collector
current
Ta
=25°C
Fig.4 DC current gain vs. collector
current (
ΙΙ )
COLLECTOR CURRENT : IC (A)
0.001
0.01
0.1
10
1
1
10
100
1000
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
VCE
=2V
0.001
0.1
0.01
10
1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
Fig.5 Collector-emitter saturation voltage
vs. collector current (
Ι )
IC/IB
=10/1
IC/IB
=20/1
Ta
=25°C
0.001
0.01
0.1
0.01
0.1
1
10
COLLECTOR CURRENT : IC
(A)
10
1
Fig.6 Collector-emitter saturation voltage
vs. Collector Current (
ΙΙ )
IC/IB
=10/1
Ta
=125°C
Ta
=100°C
Ta
=25°C
Ta
= −40°C
COLLECTOR CURRENT : IC (A)
Fig.7 Base-emitter saturation voltage
vs. collector current
0.001
0.01
0.1
10
1
10
1
0.1
Ta
=100°C
Ta
=125°C
IC/IB
=10/1
Ta
=25°C
Ta
= −40°C
1000
EMITTER CURRENT : IE
(A)
−10
−1
−0.1
−0.01
−0.001
100
10
1
Fig.8 Transition frequency
Ta
=25°C
VCE
=10V
100
COLLECTOR TO BASE VOLTAGE : VCB
(V)
100
10
1
0.1
10
1
Fig.9 Collector output capacitance
Ta
=25°C
f
=1MHz
Fig.2 Grounded Emitter Output Characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.00.5
1.01.5
2.0
IB=1mA
IB=2mA
IB=0mA
IB=3mA
IB=4mA
IB=5mA
IB=6mA
IB=7mA
IB=8mA
IB=9mA
IB=10mA
COLLECT OR T O EMIT T ER VOLT AGE
VCE(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com