Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z3 Datasheet(PDF) 1 Page - Rohm

Part # MP6Z3
Description  Medium Power Transistor (60V, 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z3 Datasheet(HTML) 1 Page - Rohm

  MP6Z3 Datasheet HTML 1Page - Rohm MP6Z3 Datasheet HTML 2Page - Rohm MP6Z3 Datasheet HTML 3Page - Rohm MP6Z3 Datasheet HTML 4Page - Rohm MP6Z3 Datasheet HTML 5Page - Rohm MP6Z3 Datasheet HTML 6Page - Rohm MP6Z3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MP6Z3
Transistors
Rev.A
1/6
Medium Power Transistor (60V, 3A)
MP6Z3
Features
1) High speed switching. (tf : Typ. : 30ns at Ic= 3A)
2) Low saturation voltage, typically
(Typ. : 200mV at Ic = 2A, IB = 200mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Contains 2SC5824-die and 2SA2071-die in a
package.
Applications
Low frequency amplifier
High speed switching
Structure
Silicon epitaxial planar transistor
Dimensions (Unit : mm)
MPT6
(6)
(5)
(4)
(1)
(2)
(3)
Packaging specifications
Inner circuit
Package
Code
TR
1000
Taping
Basic ordering unit(pieces)
MP6Z3
Type
Absolute maximum ratings (Ta=25 C)
∗1
V
VCBO
60
V
VCEO
60
A
IC
3
A
ICP
6
W / TOTAL
PD
2.0
W / ELEMENT
1.4
°C
Tj
°C
Tstg
Tr1
−60
−60
−3
−6
Tr2
Collector-base voltage
Collector-emitter voltage
V
VEBO
6
−6
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Continuous
Pulsed
∗1 Pw=10ms 1 Pulse
∗2 Mounted on a ceramic board
∗2
150
−55 to 150
Parameter
Symbol
Limits
Unit
(1)
(1) Emitter <Tr1>
(2) Base <Tr1>
(3) Collector <Tr2>
(4) Emitter <Tr2>
(5) Base <Tr2>
(6) Collector <Tr1>
(2)
(3)
(6)
(5)
(4)
<Tr1>
<Tr2>


Similar Part No. - MP6Z3

ManufacturerPart #DatasheetDescription
logo
Rohm
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
MP6Z11 ROHM-MP6Z11 Datasheet
1Mb / 8P
Midium Power Transistors (짹30V / 짹1A)
MP6Z12 ROHM-MP6Z12 Datasheet
496Kb / 8P
Midium Power Transistors
MP6Z13 ROHM-MP6Z13 Datasheet
1Mb / 8P
Midium Power Transistors
MP6Z2 ROHM-MP6Z2 Datasheet
119Kb / 6P
Medium Power Transistor (32V, 2A)
More results

Similar Description - MP6Z3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
Power Transistor (-60V, -3A)
2SC5824 ROHM-2SC5824 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825 Datasheet
46Kb / 4P
Power transistor (60V, 3A)
2SA2071 ROHM-2SA2071 Datasheet
44Kb / 4P
Power transistor (-60V, -3A)
2SC5824 ROHM-2SC5824_1 Datasheet
135Kb / 4P
Power transistor (60V, 3A)
2SC5825 ROHM-2SC5825_07 Datasheet
99Kb / 4P
Power transistor (60V, 3A)
2SB1184 ROHM-2SB1184_10 Datasheet
172Kb / 4P
Power Transistor (-60V, -3A)
MP6X3 ROHM-MP6X3 Datasheet
120Kb / 4P
Medium Power Transistor (60V, 3A)
2SC5826 ROHM-2SC5826_11 Datasheet
939Kb / 4P
Power transistor (60V, 3A)
logo
Nanjing International G...
KTB1124 DGNJDZ-KTB1124 Datasheet
608Kb / 4P
Medium power transistor(-60V,-3A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com