Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z3 Datasheet(PDF) 4 Page - Rohm

Part # MP6Z3
Description  Medium Power Transistor (60V, 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z3 Datasheet(HTML) 4 Page - Rohm

  MP6Z3 Datasheet HTML 1Page - Rohm MP6Z3 Datasheet HTML 2Page - Rohm MP6Z3 Datasheet HTML 3Page - Rohm MP6Z3 Datasheet HTML 4Page - Rohm MP6Z3 Datasheet HTML 5Page - Rohm MP6Z3 Datasheet HTML 6Page - Rohm MP6Z3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP6Z3
Transistors
Rev.A
4/6
Fig.10 Switching Time
1
0.01
0.1
10
1000
100
10
COLLECTOR CURRENT : IC (A)
Ta
=25°C
VCC
=25V
IC/IB
=10/1
tstg
tf
ton
Switching characteristics measurement circuits
<Tr1>
Collector current
waveform
Base current
waveform
IB1
IB1
90%
10%
IB2
IB2
IC
VIN
PW
IC
RL=8.3
Ω
VCC
25V
PW
50
μS
Duty cycle
1%
ton
tstg
tf
0.01
0.1
1
10
0.001
0.1
10
1000
Pulse width : Pw(s)
Ta=25
Fig.12 Safe Operating Area
Fig.11 Normalized Thermal Resistance
(Element)
0.01
0.1
1
10
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
1ms
10ms
100ms
DC
Ta=25
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com