Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6Z3 Datasheet(PDF) 6 Page - Rohm

Part # MP6Z3
Description  Medium Power Transistor (60V, 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6Z3 Datasheet(HTML) 6 Page - Rohm

  MP6Z3 Datasheet HTML 1Page - Rohm MP6Z3 Datasheet HTML 2Page - Rohm MP6Z3 Datasheet HTML 3Page - Rohm MP6Z3 Datasheet HTML 4Page - Rohm MP6Z3 Datasheet HTML 5Page - Rohm MP6Z3 Datasheet HTML 6Page - Rohm MP6Z3 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MP6Z3
Transistors
Rev.A
6/6
−0.01
−0.1
−1
−10
COLLECTOR CURRENT : IC (A)
Fig.10 Switching Time
10
100
1000
Ta
=25°C
VCC
= −25V
IC/IB
=10/1
Tstg
Tf
Ton
Switching characteristics measurement circuits
<Tr2>
VIN
PW
RL=8.3
Ω
IC
IB1
IB2
PW 50
μs
DUTY CYCLE 1%
VCC
−25V
ton
tstg
tf
IC
IB2
IB1
90%
10%
Base current
waveform
Collector current
waveform
Fig.12 Safe Operating Area
0.01
0.1
1
10
0.001
0.1
10
1000
Pulse width : Pw(s)
Ta=25
Fig.11 Normalized Thermal Resistance
(Element)
0.01
0.1
1
10
0.1
1
10
100
COLLECTOR TO EMITTER VOLTAGE : VCE
(-V)
1ms
100ms
10ms
DC
-
-
-
-
--
--
-
Ta=25
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com