Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6526 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6526 Datasheet HTML 1Page - Silicon Standard Corp. SS6526 Datasheet HTML 2Page - Silicon Standard Corp. SS6526 Datasheet HTML 3Page - Silicon Standard Corp. SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
4
ELECTRICAL CHARACTERISTICS
(VIN= 5V, TA=25°C, unless otherwise specified.) (Note 1)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Current
VCTL =Logic “0”, OUT=Open
VCTL =Logic “1”, OUT=Open
0.75
110
5
160
µA
Control Input Voltage
VCTL =Logic “0”
VCTL =Logic “1”
2.4
0.8
V
Control Input Current
VCTL =Logic “0”
VCTL =Logic “1”
0.01
0.01
1
1
µA
Control Input Capacitance
1
pF
Output MOSFET Resistance
110
150
m
Ω
Output Turn-On Rise Delay
RL = 10Ω each Output
100
µS
Output Turn-On Rise Time
RL = 10Ω each Output
1000
2500
µS
Output Turn-Off Delay
RL = 10Ω each Output
0.8
20
µS
Output Turn-Off Fall Time
RL = 10Ω each Output
0.7
20
µS
Output Leakage Current
10
µA
Current Limit Threshold
0.6
1.0
1.25
A
Over Temperature Shutdown
Threshold
TJ Increasing
TJ Decreasing
135
125
°C
Error Flag Output Resistance
VIN = 5V, IL =10 mA
VIN = 3.3V, IL =10mA
10
15
25
40
Ω
Error Flag Off Current
VFLG = 5V
0.01
1
µA
UVLO Threshold
VIN Increasing
VIN Decreasing
2.6
2.4
V
Note 1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com