Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6526 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6526 Datasheet HTML 1Page - Silicon Standard Corp. SS6526 Datasheet HTML 2Page - Silicon Standard Corp. SS6526 Datasheet HTML 3Page - Silicon Standard Corp. SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual USB High-Side Power Switch
10/23/2007 Rev.1.00
www.SiliconStandard.com
1
FEATURES
• 110mΩ (5V Input) High-Side MOSFET Switch.
rements for
rol their
e at
upstream port from dropping excessively.
500mA Continuous Load Current per Channel.
110
µA Typical On-State Supply Current.
1
µA Typical Off-State Supply Current.
Current-Limit / Short Circuit Protection.
Thermal Shutdown Protection under Overcurrent
Condition.
Undervoltage Lockout Ensures that Switch is off
at Start Up.
Output
can
be
Forced
Higher
than
Input
(Off-State).
Open-Drain Fault Flag.
Slow Turn ON and Fast Turn OFF.
Enable Active-High or Active-Low.
APPLICATIONS
USB Power Management.
Hot Plug-In Power Supplies.
Battery-Charger Circuit.
DESCRIPTION
The
SS6526 is a dual high-side power switch
for self-powered and bus-powered Universal
Serial Bus (USB) applications. Both high-side
switches are MOSFET with 110m
Ω R
DS(ON),
which meets USB voltage drop requi
maximum transmission wire length.
Multi-purpose
open-drain
fault
flag
output
indicates
over-current
limiting,
thermal
shutdown, or undervoltage lockout for each
channel. Output current is typically limited to 1A,
and the thermal shutdown functions of the
power switches independently cont
channel under overcurrent condition.
Guaranteed minimum output rise time limits
inrush current during hot plug-in as well as
minimizing EMI and prevents the voltag
Pb-free; RoHS-compliant
SS6526


Similar Part No. - SS6526

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CXTR SSC-SS6520CXTR Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CZBG SSC-SS6520CZBG Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CZTR SSC-SS6520CZTR Datasheet
505Kb / 7P
USB High-Side Power Switch
More results

Similar Description - SS6526

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
Dual USB High-Side Power Switch
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
Dual USB High-Side Power Switch
Rev. 1.0 Sep.23, 2004
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
Dual USB High-Side Power Switch
logo
Diodes Incorporated
AP1212 DIODES-AP1212 Datasheet
282Kb / 12P
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
DUAL USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com