Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6526 Datasheet(PDF) 11 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 11 Page - Silicon Standard Corp.

Back Button SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. SS6526 Datasheet HTML 10Page - Silicon Standard Corp. SS6526 Datasheet HTML 11Page - Silicon Standard Corp. SS6526 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
11
DIP-8
GAUGE PLANE
D1
A
b2
A
e
eB
eA
D
E
WITH PLATING
SECTION A-A
BASE METAL
b
2.54 BSC
e
L
eB
eA
2.92
7.62 BSC
3.81
10.92
D
9.01
E
E1
D1
7.62
6.10
0.13
c
b2
b
0.20
1.14
0.36
10.16
8.26
7.11
0.35
1.78
0.56
MILLIMETERS
MIN.
S
Y
M
B
O
L
A1
A2
A
0.38
2.92
MAX.
4.95
5.33
DIP-8
Note:
1.Refer to JEDEC MS-001BA.
2.Dimension D, D1 and E1 do not include mold flash or
protrusions. Mold flash or protrusion shall not exceed 10 mil.
3.Controlling dimension is millimeter, converted inch dimensions
are not necessarily exact.
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com