Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6526 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. SS6526 Datasheet HTML 10Page - Silicon Standard Corp. SS6526 Datasheet HTML 11Page - Silicon Standard Corp. SS6526 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SS6526
10/23/2007 Rev.1.00
www.SiliconStandard.com
12
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
MSOP-8
VIEW B
L
SECTION A-A
BASE METAL
WITH PLATING
b
D
A
e
A
SEE VIEW B
e
θ
L
c
E
E1
D
A2
b
A1
0.65 BSC
0.40
0°
0.70
6°
4.90 BSC
0.13
2.90
2.90
0.75
0.25
0.05
0.23
3.10
3.10
0.95
0.40
0.15
S
Y
M
B
O
L
A
MSOP-8
MILLIMETERS
MIN.
1.10
MAX.
Note:
1. Refer to JEDEC MO-187AA.
2. Dimension “D” does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion or gate burrs shall not exceed 6
mil per side.
3. Dimension “E” does not include inter-lead flash or protrusions.
Inter-lead flash and protrusions shall not exceed 10 mil per
side.
4. Controlling dimension is millimeter, converted inch dimensions
are not necessarily exact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com