Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6526 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6526
Description  Dual USB High-Side Power Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6526 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6526 Datasheet HTML 3Page - Silicon Standard Corp. SS6526 Datasheet HTML 4Page - Silicon Standard Corp. SS6526 Datasheet HTML 5Page - Silicon Standard Corp. SS6526 Datasheet HTML 6Page - Silicon Standard Corp. SS6526 Datasheet HTML 7Page - Silicon Standard Corp. SS6526 Datasheet HTML 8Page - Silicon Standard Corp. SS6526 Datasheet HTML 9Page - Silicon Standard Corp. SS6526 Datasheet HTML 10Page - Silicon Standard Corp. SS6526 Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
10/23/2007 Rev.1.00
www.SiliconStandard.com
7
BLOCK DIAGRAM
CTLB
FLGB
FLGA
CTLA
OUTA
Charge
Pump
Thermal
Shutdown
Charge
Pump
Driver
UVLO
Current
Limit
Driver
IN
Current
Limit
OUTB
CS
CS
PIN DESCRIPTIONS
PIN 1: CTLA
- Controls the turn-on/turn-off of
channel A MOSFET with TTL as
a control input. Active high for
SS6526-1 and active low for
SS6526-0.
PIN 2: FLGA
- An active-low and open-drained
fault flag output for channel A.
FLGA is an indicator for current
limit when CTLA is active. In
normal mode operation (CTLA
or/and CLTB is active), it also
can indicate thermal shutdown
or undervoltage.
PIN 3: FLGB
- An active-low and open-drained
fault flag output for channel B.
FLGB is an indicator for current
limit when CTLB is active. In
normal mode operation (CTLB
or/and CLTA is active), it also
can indicate thermal shutdown
or undervoltage.
PIN 4: CTLB
- Controls the turn-on/turn-off of
channel B MOSFET with TTL
as a control input. Active High
for
SS6526-1 and active low
for
SS6526-0.
PIN 5: OUTB - Channel B MOSFET switch
output.
PIN 6: GND
- Chip power ground.
PIN 7: IN
- Power supply input.
PIN 8: OUTA - Channel A MOSFET switch
output.
SS6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com