Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6550 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6550
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6550 Datasheet HTML 1Page - Silicon Standard Corp. SS6550 Datasheet HTML 2Page - Silicon Standard Corp. SS6550 Datasheet HTML 3Page - Silicon Standard Corp. SS6550 Datasheet HTML 4Page - Silicon Standard Corp. SS6550 Datasheet HTML 5Page - Silicon Standard Corp. SS6550 Datasheet HTML 6Page - Silicon Standard Corp. SS6550 Datasheet HTML 7Page - Silicon Standard Corp. SS6550 Datasheet HTML 8Page - Silicon Standard Corp. SS6550 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.SiliconStandard.com
2 of 13
SS6550
n ORDERING INFORMATION
PIN CONFIGURATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
O: MSOP8
SYNC/MODE
LX
GND
RT
SHDN
BP
FB
VIN
1
3
4
2
8
6
5
7
TOP VIEW
SS6550CXXX
Example: SS6550COTR
à in MSOP package in tape & reel
n ABSOLUTE MAXIMUM RATINGS
VIN, BP, SHDN, SYNC/MODE, RT to GND
-0.3 to +6V
BP to VIN
.-0.3 to 0.3V
LX to GND
-0.3 to (VIN+0.3V)
FB to GND
-0.3 to (VBP+0.3V)
Operating Temperature Range
-40
°C ~ 85°C
Storage Temperature Range
- 40
°C ~ 150°C
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com