Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6550 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6550
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6550 Datasheet HTML 1Page - Silicon Standard Corp. SS6550 Datasheet HTML 2Page - Silicon Standard Corp. SS6550 Datasheet HTML 3Page - Silicon Standard Corp. SS6550 Datasheet HTML 4Page - Silicon Standard Corp. SS6550 Datasheet HTML 5Page - Silicon Standard Corp. SS6550 Datasheet HTML 6Page - Silicon Standard Corp. SS6550 Datasheet HTML 7Page - Silicon Standard Corp. SS6550 Datasheet HTML 8Page - Silicon Standard Corp. SS6550 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.SiliconStandard.com
3 of 13
SS6550
n ELECTRICAL CHARACTERISTICS (V
IN=+3.6V, TA=+25
°C, SYNC/MODE =GND,
SHDN
=IN, unless otherwise specified.)
PARAMETER
SYMBOL CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
Output Adjustment Range
VOUT
(Note 1)
VREF
VIN
V
Feedback Voltage
VFB
0.735
0.75
0.765
V
Line Regulation
Duty Cycle = 100% to 23%
+1
%
Load Regulation
IOUT = 0 to 800mA
-1.3
%/A
FB Input Current
IFB
VFB = 1.4V,
-50
0.01
50
nA
VIN = 3.6V
0.32
0.65
P-channel On-Resistance
PRDS(ON) ILX = 100mA
VIN = 2.5V
0.38
Ω
VIN = 3.6V
0.32
0.65
N-channel On-Resistance
NRDS(ON) ILX = 100mA
VIN = 2.5V
0.38
Ω
P-channel Current-Limit
Threshold
0.85
1.2
1.55
A
Quiescent Current
SYNC/MODE = GND,
VFB = 1.4V, LX unconnected
35
70
µA
Shutdown Supply Current
SHDN
= LX = GND, includes LX
leakage current
0.1
1
µA
LX Leakage Current
VIN = 5.5V, VLX = 0 or 5.5V
-20
0.1
20
µA
Oscillator Frequency
fOSC
400
500
600
KHz
SYNC Capture Range
500
1000
KHz
Maximum Duty Cycle
dutyMAX
100
%
Undervoltage Lockout
Threshold
UVLO
VIN rising, typical hysteresis is
85mV
2.0
2.2
2.4
V
Logic Input High
VIH
SHDN
, SYNC/MODE, LIM
2
V
Logic Input Low
VIL
SHDN
, SYNC/MODE, LIM
0.4
V
Logic Input Current
SHDN
, SYNC/MODE, LIM
-1
0.1
1
µA
SYNC/MODE Minimum
Pulse Width
High or low
500
ns
Note 1:
Specifications to -40°C are guaranteed by design, not production tested.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com