Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6550 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6550
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6550 Datasheet HTML 1Page - Silicon Standard Corp. SS6550 Datasheet HTML 2Page - Silicon Standard Corp. SS6550 Datasheet HTML 3Page - Silicon Standard Corp. SS6550 Datasheet HTML 4Page - Silicon Standard Corp. SS6550 Datasheet HTML 5Page - Silicon Standard Corp. SS6550 Datasheet HTML 6Page - Silicon Standard Corp. SS6550 Datasheet HTML 7Page - Silicon Standard Corp. SS6550 Datasheet HTML 8Page - Silicon Standard Corp. SS6550 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.SiliconStandard.com
4 of 13
SS6550
n TYPICAL PERFORMANCE CHARACTERISTICS
(TA=25
oC, VIN=3.6V, SYNC/MODE=GND, L = Coilcraft DS1608C-103, unless otherwise noted.)
10
100
1000
60
65
70
75
80
85
90
VIN=4.2V
Load Current (mA)
VIN=3.3V
VIN=3.6V
VOUT=0.9
VIN=2.7V
Fig. 1
Load Current vs. Efficiency (VOUT=0.9V)
Fig. 2
Load Current vs. Efficiency (VOUT=2.7V)
10
100
10
60
65
70
75
80
85
90
95
100
Load Current (mA)
VIN=4.2V
VIN=3.3V
VIN=3.6V
VIN=2.7V
VOUT=1.5V
Load Current (mA)
Fig. 3
Load Current vs. Efficiency (VOUT=1.8V)
10
100
1000
60
65
70
75
80
85
90
95
100
VIN=4.2V
VIN=3.3V
VIN=3.6V
VOUT=1.8V
VIN=2.7V
Fig. 4
Load Current vs. Efficiency (VOUT=2.5V)
Load Current (mA)
10
100
1000
60
65
70
75
80
85
90
95
100
VIN=4.2V
VIN=3.3V
VIN=3.6V
VOUT=2.5V
Load Current (mA)
Fig. 5
Load Current vs. Efficiency (VOUT=3.0V)
10
100
1000
60
65
70
75
80
85
90
95
100
VIN=4.2V
VIN=3.6V
VOUT=3.0V
Fig. 6
Load Current vs. Efficiency (VOUT=3.3V)
Load Current (mA)
200
400
600
800
1000
60
65
70
75
80
85
90
95
100
VIN=4.2V
VOUT=3.3V
VIN=3.6V
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com