Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6550 Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6550
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550 Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6550 Datasheet HTML 5Page - Silicon Standard Corp. SS6550 Datasheet HTML 6Page - Silicon Standard Corp. SS6550 Datasheet HTML 7Page - Silicon Standard Corp. SS6550 Datasheet HTML 8Page - Silicon Standard Corp. SS6550 Datasheet HTML 9Page - Silicon Standard Corp. SS6550 Datasheet HTML 10Page - Silicon Standard Corp. SS6550 Datasheet HTML 11Page - Silicon Standard Corp. SS6550 Datasheet HTML 12Page - Silicon Standard Corp. SS6550 Datasheet HTML 13Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.SiliconStandard.com
12 of 13
SS6550
n APPLICATION INFORMATION (cont.)
+ C1
10
µF
C2
0.1
µF
VIN
2.7V~5.5V
L1
10
µH
R1
560K
R2
390K
+
C4
33
µF
C5
15pF
VOUT
VIN
1
BP
2
SHDN
3
RT
5
FB
4
SYNC
6
GND
7
LX
8
SS6550
SW1
RT
SW
C3
4.7
µF
D1
SS12
Optional
Fig. 22 SS6550 Application Circuit
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com