Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6550 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6550
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6550 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6550 Datasheet HTML 1Page - Silicon Standard Corp. SS6550 Datasheet HTML 2Page - Silicon Standard Corp. SS6550 Datasheet HTML 3Page - Silicon Standard Corp. SS6550 Datasheet HTML 4Page - Silicon Standard Corp. SS6550 Datasheet HTML 5Page - Silicon Standard Corp. SS6550 Datasheet HTML 6Page - Silicon Standard Corp. SS6550 Datasheet HTML 7Page - Silicon Standard Corp. SS6550 Datasheet HTML 8Page - Silicon Standard Corp. SS6550 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.SiliconStandard.com
1 of 13
SS6550
Low-Noise Synchronous PWM Step-Down DC/DC Converter
n FEATURES
l
Greater than 95% efficiency.
l
Guaranteed output current of 800mA.
l
100% duty cycle in dropout.
l
Fixed 500 KHz or adjustable frequency sy-
chronous PWM operation.
l
Very low quiescent current of 35µA (typ.).
l
Adjustable output voltage from 0.75V to VIN,
ranging from 2.5V to 5.5V.
l
Accurate reference: 0.75V (±1.2%).
l
Synchronizable external switching frequency
up to 1MHz.
l
Small 8-Pin MSOP package.
n APPLICATIONS
l
PDAs.
l
Handy-terminals.
l
WLAN cards
l
Cellular phones.
l
C
PU I/O supplies.
l
Cordless phones.
l
Notebook chipset supplies.
l
Battery-operated devices (3 or 1 Li-Ion/NiMH/
NiCd Cells).
n DESCRIPTION
The SS6550 is a low-noise pulse-width-
modulated (PWM) DC/DC step-down converter,
which can power logic circuits and transmitters in
small wireless systems such as communicating
PDAs, cellular phones and handy-terminals.
The device features an internal synchronous rec-
tifier for high conversion efficiency. Excellent
noise characteristics and fixed-frequency opera-
tion provide easy post-filtering. The SS6550
is ideally suited for Li-Ion battery applications. It
is also suitable for +3V or +5V fixed input appli-
cations. The device operates in one of the follow-
ing four modes. Forced PWM mode operates at a
fixed frequency regardless of the load. Synchro-
nizable PWM mode allows the synchronization of
an external switching frequency and minimizes
harmonics. PWM/PFM Mode extends battery life
by switching to a PFM pulse-skipping mode un-
der light loads. Shutdown mode places the de-
vice in standby, reducing supply current to under
0.1µA.
The SS6550 can deliver over 800mA of out-
put current. The output voltage can be adjusted
from 0.75V to VIN with the input range of +2.5V
to +5.5V. Other features of the SS6550 include
low quiescent current, low dropout voltage, and a
±1.2% accuracy 0.75V reference. It is avail-
able in a space-saving 8-pin MSOP package.
n TYPICAL APPLICATION CIRCUIT
1N5819
*
R2
400K
R1
560K
L1
10
µF
+
CO1
33
µF
+
CIN
10
µF
CF
15P
CO2
4.7
µF
CBP
0.1
µF
LX
BP
SYNC/
MODE
FB
RT
Optional
VOUT = 1.8V
VIN= 2.5V to 5.5V
SHDN
SS6550
GND
VIN
BP
1
2
3
4
5
6
7
8
Rev.2.01 6/06/2003


Similar Part No. - SS6550

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS65 FRONTIER-SS65 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS65 ASEMI-SS65 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS65-LFR FRONTIER-SS65-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
USB High-Side Power Switch
SS6520CXBG SSC-SS6520CXBG Datasheet
505Kb / 7P
USB High-Side Power Switch
More results

Similar Description - SS6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
Analog Intergrations Co...
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Linear Technology
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com