Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FBR53 Datasheet(HTML) 4 Page - fujitsu semiconductor

  FBR53_08 Datasheet HTML 1Page - fujitsu semiconductor FBR53_08 Datasheet HTML 2Page - fujitsu semiconductor FBR53_08 Datasheet HTML 3Page - fujitsu semiconductor FBR53_08 Datasheet HTML 4Page - fujitsu semiconductor FBR53_08 Datasheet HTML 5Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

FBR53 SERIES
n
REFENCE DATA
0
0 20 30 0 50 60 70 80
0
20
0
60
80
00
FBR53ND2-Y
units: n=50
Operate
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
Release
Operate
Distribution of operate and release time
Time (ms)
Release
0

2
3

5
6
7
8
9 0
0
20
0
60
80
00
FBR53ND2-Y
Units: n=00
Units: n=00
FBR53ND2-Y
00
80
60
0
20
0
80
70
60
50
0
30
20
0
0
at 6Vdc-A
Distribution of contact resistance
Contact resistance (mΩ)
0
20
30 0 50
70
00

0
00
000
0000
25ºC
85ºC
25ºC
FBR53ND2-Y
Carry Current (A)
Contact current
-0 -20
0
20 0 60 80 00 20
0

2
3

5
6
7
8
9
0

2
3

5
6
FBR53ND2-Y
20A
Ambient temperature (°C)
Allowable voltage
Ambient temperature/voltage
0
000
2000
3000
000
0
0
20
30
0
50
60
60
FBR53ND2-Y
at 25ºC, 0A
Coil temperature 
Applied time (sec.)
Coil voltage: 8V
Coil voltage:2V
Coil voltage:6V

0
00
000

0
00
000
FBR53ND2-Y
Coil temperature 2
Carry current (A)
Coil voltage: 8V
Coil voltage:2V
Coil voltage:6V
0
20
30
0 50
00
0.

0
00
000
FBR53ND2-Y
Max. allowable switching
Switching Voltage (V)
Ambient temperature: 25°C
Resistive load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com