Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53 Datasheet (PDF) - fujitsu semiconductor

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
File Size   532.68 Kbytes
Html View  1   2   3   4   5 
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FBR53 Datasheet (PDF) - fujitsu semiconductor



Similar Part No. - FBR53_08

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FBR53-HC FCL-FBR53-HC Datasheet
858Kb / 5P
AUTOMOTIVE RELA 1 POLE –50A
logo
fujitsu semiconductor
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
FCL COMPONENTS LIMITED
FBR53-HW FCL-FBR53-HW Datasheet
1Mb / 7P
COMPACT HIGH POWER RELAY 1 POLE - 40A
FBR53-LE FCL-FBR53-LE Datasheet
301Kb / 6P
AUTOMOTIVE RELAY 1 POLE - 40A
logo
fujitsu semiconductor
FBR53ND09-Y FUJITSU-FBR53ND09-Y Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results


Similar Description - FBR53_08

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
Compact Power Relay 1 Pole-25A for Automotive Applications
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com