Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FBR53 Datasheet(HTML) 3 Page - fujitsu semiconductor

  FBR53_08 Datasheet HTML 1Page - fujitsu semiconductor FBR53_08 Datasheet HTML 2Page - fujitsu semiconductor FBR53_08 Datasheet HTML 3Page - fujitsu semiconductor FBR53_08 Datasheet HTML 4Page - fujitsu semiconductor FBR53_08 Datasheet HTML 5Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FBR53 SERIES
S
m
e
tI
n
o
it
a
c
if
i
c
e
p
S
d
r
a
d
n
a
t
t
c
a
t
n
o
C
t
n
e
m
e
g
n
a
r
r
A
)
A
m
r
o
F
(
U
m
r
o
F
l
a
ir
e
t
a
M
e
d
i
x
O
n
i
T
r
e
v
li
S
g
n
it
a
r
t
c
a
t
n
o
C
)
d
a
o
l
e
v
it
s
i
s
e
r
(
A
5
2
,
V
4
1
C
D
t
n
e
r
r
u
C
g
n
i
y
r
r
a
C
m
u
m
i
x
a
M
h contact) at 25°C
c
a
e
A
5
1
(
s
u
o
u
n
it
n
o
c
A
0
3
t
n
e
r
r
u
C
h
s
u
r
n
I
m
u
m
i
x
a
M
h contact) at 25°C
c
a
e
A
0
3
(
h
s
u
r
n
i
A
0
6
C
Voltage Drop
t
c
a
t
n
o
Max. 100mV (1A, 12VDC) Average 1.5mΩ at 7A 12 VDC
li
o
C
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P
li
o
C
)
e
g
a
tl
o
v
li
o
c
d
e
t
a
r
t
a
(
600mW
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
)t
s
o
rf
o
n
(
C
°
5
2
1
+
o
t
C
°
0
4
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
)t
s
o
rf
o
n
(
C
°
5
2
1
+
o
t
C
°
0
4
-
y
ti
d
i
m
u
H
g
n
it
a
r
e
p
O
H
R
%
5
8
o
t
5
4
e
m
i
T
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
t
a
r
e
p
O
m
u
m
i
x
a
m
s
m
0
1
)
e
g
a
tl
o
v
l
a
n
i
m
o
n
t
a
(
e
s
a
e
l
e
R
m
u
m
i
x
a
m
s
m
5
e
fi
L
l
a
c
i
n
a
h
c
e
M
0
1
x
0
1
6
)t
c
a
t
n
o
c
r
o
f
d
a
o
l
o
n
h
ti
w
(
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
l
a
c
ir
t
c
e
l
E
0
1
x
1
5
)
d
a
o
l
e
v
it
s
i
s
e
r
A
0
2
C
D
V
4
1
(
m
u
m
i
n
i
m
s
n
o
it
a
r
e
p
o
r
e
h
t
O
n
o
it
a
r
b
i
V
e
c
n
a
t
s
i
s
e
r
n
o
it
a
r
e
p
o
s
i
M
Z
,
Y
,
X
n
o
it
c
e
ri
d
,
e
d
u
ti
l
p
m
a
l
a
u
d
m
m
5
.
1
,
z
H
5
5
-
0
1
e
c
n
a
r
u
d
n
E
.
Z
,
Y
,
X
n
o
it
c
e
ri
d
,
e
d
u
ti
l
p
m
a
l
a
u
d
m
m
5
.
1
,
z
H
0
0
1
o
t
0
1
.t
s
e
t
r
e
tf
a
)l
a
c
i
n
h
c
e
t
d
n
a
l
a
c
i
n
a
h
c
e
m
(
d
e
g
a
m
a
d
e
b
t
o
N
-
n
o
n
li
o
C
,
n
o
it
c
e
ri
d
h
c
a
e
n
i
r
h
1
:
g
n
i
z
i
g
r
e
n
e
li
o
C
n
o
it
c
e
ri
d
h
c
a
e
n
i
r
h
1
:
g
n
i
z
i
g
r
e
n
e
k
c
o
h
S
e
c
n
a
t
s
i
s
e
r
n
o
it
a
r
e
p
o
s
i
M
s
/
m
0
0
1
2
Z
,
Y
,
X
n
o
it
c
e
ri
d
,)
s
m
1
1
(
e
c
n
a
r
u
d
n
E
s
/
m
0
0
0
1
2
s
e
m
it
6
h
c
a
e
,
Z
,
Y
,
X
n
o
it
c
e
ri
d
,)
s
m
1
1
(
.t
s
e
t
r
e
tf
a
)l
a
c
i
n
h
c
e
t
d
n
a
l
a
c
i
n
a
h
c
e
m
(
d
e
g
a
m
a
d
e
b
t
o
N
,
s
e
m
it
3
:
g
n
i
z
i
g
r
e
n
e
-
n
o
n
li
o
C
;
s
e
m
it
3
:
g
n
i
z
i
g
r
e
n
e
li
o
C
.
s
e
m
it
6
3
l
a
t
o
t
l
a
n
i
m
r
e
T
y
ti
li
b
a
r
e
d
l
o
S
)
d
e
r
e
d
l
o
s
e
b
t
s
u
m
s
l
a
n
i
m
r
e
t(
.
c
e
s
5
.
0
±
3
r
o
f
C
˚
0
1
±
0
7
2
t
a
h
t
g
n
e
rt
S
.
c
e
s
0
1
r
o
f
n
o
it
c
e
ri
d
l
a
n
i
d
u
ti
g
n
o
l
s
ti
n
i
l
a
n
i
m
r
e
t
a
g
n
il
l
u
P
)f
g
K
1
(
N
8
.
9
t
a
t
h
g
i
e
W
s
m
a
r
g
6
y
l
e
t
a
m
i
x
o
r
p
p
A
Min. load (reference)*
1A, 6VDC
Operate Coil Power
220mW
n
SPECIFICATIONS
*This is the standard value of the minimum load level. This value may differ depending on the switching frequency, environmental
conditions and target reliability standard. We recommend to check this value by an actual load prior to use.
n
INSULATION
Item
Specification
Resistance
Minimum 100 MΩ 1 min.
Dielectric
Strength
open contacts
500 VAC (50/60 Hz)  min.
coil and contacts
500 VAC (50/60 Hz)  min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com