Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FBR53 Datasheet(HTML) 5 Page - fujitsu semiconductor

  FBR53_08 Datasheet HTML 1Page - fujitsu semiconductor FBR53_08 Datasheet HTML 2Page - fujitsu semiconductor FBR53_08 Datasheet HTML 3Page - fujitsu semiconductor FBR53_08 Datasheet HTML 4Page - fujitsu semiconductor FBR53_08 Datasheet HTML 5Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
FBR53 SERIES
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo , Japan
Tel: (8-3) 59-700
Fax: (8-3) 59-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 9089 U.S.A.
Tel: (-08) 75-900
Fax: (-08) 75-970
Email: components@us.fujitsu.com
Web: http://www.fujitsu.com/us/services/edevices/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
232 WV Hoofddorp
Netherlands
Tel: (3-23) 556090
Fax: (3-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
02E Pasir Panjang Road
#0-0 Citilink Warehouse Complex
Singapore 8529
Tel: (65) 6375-8560
Fax: (65) 6273-302
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2008 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. January , 2008.
2-Ø.3 +0.
-0
-Ø.5 +0.
-0
2.5
0.6
(.25)
2.5±0.2
0.6±0.2
.25±0.20
5.7+0
2.3 +0
5.0±0.2
7.0±0.2
0.0±0.2
Terminal dimensions (±0.)
COM terminal (2)
.2 x t0.26
Coil terminal (2)
.0 x t0.3
N.O. terminal (2)
.2 x t0.
n
DIMENSIONS
• Dimensions
• Mounting hole layout
(bottom view)
• Schematic
(bottom view)
Unit: mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com