Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBR53 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # FBR53
Description  COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FBR53 Datasheet(HTML) 1 Page - fujitsu semiconductor

  FBR53_08 Datasheet HTML 1Page - fujitsu semiconductor FBR53_08 Datasheet HTML 2Page - fujitsu semiconductor FBR53_08 Datasheet HTML 3Page - fujitsu semiconductor FBR53_08 Datasheet HTML 4Page - fujitsu semiconductor FBR53_08 Datasheet HTML 5Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

n
ORDERING INFORMATION
[Example]
FBR53
ND 2
-
Y - ***
(a)
(b) (c)
(d)
(e)
n
FEATURES
l
Compact for high density packaging
l
High contact capability (30A continuous)
l
High temperature grade (-40˚C to 125˚C)
l
Contact arrangement Form U (form A)
FBR53 SERIES
COMPACT POWER RELAY
1 POLE—30 A
(For Automotive Applications)
Note: The part number on the relay cover does not include 'FBR'
Example:
Ordering part number: FBR-53ND2-Y
Stamped part number: 53ND2-Y
(a)
Series Name
FBR-53 : FBR-53 Series
(b)
Contact Arrangement ND
: Form U
(c)
Nominal Voltage
09
: 9 VDC
0
: 0 VDC
2
: 2 VDC
(d)
Contact Material
Y
: Silver Tin Oxide
(e)
Custom designation
Nil
: Standard


Similar Part No. - FBR53_08

ManufacturerPart #DatasheetDescription
logo
FCL COMPONENTS LIMITED
FBR53-HC FCL-FBR53-HC Datasheet
858Kb / 5P
AUTOMOTIVE RELA 1 POLE –50A
logo
fujitsu semiconductor
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
logo
FCL COMPONENTS LIMITED
FBR53-HW FCL-FBR53-HW Datasheet
1Mb / 7P
COMPACT HIGH POWER RELAY 1 POLE - 40A
FBR53-LE FCL-FBR53-LE Datasheet
301Kb / 6P
AUTOMOTIVE RELAY 1 POLE - 40A
logo
fujitsu semiconductor
FBR53ND09-Y FUJITSU-FBR53ND09-Y Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
More results

Similar Description - FBR53_08

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
Compact Power Relay 1 Pole-25A for Automotive Applications
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FTR-P3 FUJITSU-FTR-P3 Datasheet
453Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FRL-274 FUJITSU-FRL-274 Datasheet
516Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FRL-274 FUJITSU-FRL-274_09 Datasheet
680Kb / 9P
HIGH POWER RELAY 1 POLE-12, 30, 40 A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com