Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 8 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 8 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
8
DS-ISL40 R1.6
4.1
Application interface
4.1.1
HDO
The HDO pin outputs the data that is being received from the DC-BUS. It can be used to monitor the
incoming data.
4.1.2
SigIn[0:3]
Four input signals to the ISL40. On a Read or Read Change command the pins status is being send
back to the Master in the lower nibble of the returned data byte.
4.1.3
SigO[0:3]
Four output signals from ISL40. The pins state is changed when the Master issues a Write command.
The pins status is defined in the lower nibble of the Write command’s OUT byte.
4.1.4
SigIO[4:7]
Four input or output signals of the ISL40, depending on the nExtendIn pin. When configured as inputs
their status is being send back to the Master in the upper nibble of the return data byte. When they are
configured as outputs their state is defined in the upper nibble of the Write command’s OUT byte.
4.1.5
nExtendIn
Determines if the SigIO[4:7] pins are inputs or outputs. 1= outputs, 0 = inputs.
4.1.6
ID[1:4]
Four ID address input pins. Using the ID address each ISL40 on the network or a specified group of
ISL40 can receive individual commands.
4.2
Sleep control
4.2.1
AutoSleep
When AutoSleep pin is set to High the device will automatically enters sleep mode after about 8
seconds without reception.
4.2.2
nSleep
Sleep control input from external signal. Should be connected to High (Vcc).
4.2.3
Wake
Local wakeup input. Negative or positive edge triggered. This pin can be connected to an external
switch in the application. When the pin is triggered the device will wake up and send a wake up
message to all the devices on the network.
4.2.4
INH
Inhibit output for enabling the host (or an external voltage regulator powering the host. This output is
LOW when in Sleep Mode, and HIGH in normal operation and after a wakeup event.
4.3
Frequency control
4.3.1
AutoFreqCh
When high, the device automatically switches frequency after about 4 seconds without bus activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com