Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 10 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 10 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
10
DS-ISL40 R1.6
4.5 Ceramic Filter
The ISL40 is designed to operate with one ceramic filter for transmission and reception. However, if
switching between two channels is desired, two ceramic filters are required. The minimum allowable
bandwidth of the ceramic filters is +/-70 kHz @ 3dB. Narrower bandwidth limits the maximal bit rate.
The ISL40 selectable frequencies are designed according to the market available ceramic filters.
Nominal
freq.
3 db BW 20db
BW
Insertion
loss
Stop band
attenuation
In/Out
imped.
Murata
part #
Oscilent
part #
MHz
KHz
min.
KHz
max.
dB
max.
dB
min.
Ohm
*3.58
+/-40
530
6.0
25
530
SFSH3.58MCB
4.5
+/-70
750
6.0
30
1000
SFSL4.5MDB
773-0045
5.5
+/-80
750
6.0
30
600
SFSL5.5MDB
773-0055
6.0
+/-80
750
6.0
30
470
SFSL6.0MDB
773-0060
6.5
+/-80
800
6.0
30
470
SFSL6.5MDB
773-0065
•
The 3.58MHz frequency can be operated with 9.6Kbps and 19.2Kbps only
4.6
Oscillator
The ISL40 is designed to operate with a low cost 32.768KHz crystal connected between OscIn and
OscOut pins. This type of crystal has the advantage of very low power consumption and low cost.
However there are also drawbacks. It is very sensitive to noise and has a temperature dependency that
should be carefully considered when selecting the crystal.
The following guidelines should be used when designing the PCB:
1.
Design the trace length as short as possible.
2.
Avoid thin line on resonator traces (< 0.010"), keep them as wide as possible.
3.
To avoid noise, protect these signals with Ground shields.
The exact values of C1, C2, R1 and R2 should be determined according to the crystal manufacturer.
4.7
Recommended 32.768KHz Crystal Specifications
Type
Value
Nominal Frequency:
32.768KHz
Frequency tolerance @25ºC
+/-20 ppm
Load capacitance
12.5 pF
Serial resistance
50K Ohm (max.)
Drive level
1uW (max.)
Quality factor
50,000 (max.)
Turnover temperature
+25ºC +/- 5ºC
Parabolic constant
-0.04 ppm/ºC² (max.)
Aging
+/-3 ppm in first year (max.)
Operating temperature
-40ºC to + 85ºC
Storage temperature
-55ºC to + 125ºC
The overall frequency tolerance should not exceed 200ppm.
4.8
Communication performance
The maximal cable length between extreme devices depends mainly on the AC impedance of loads
connected to that line and number of nodes. The DC cable length has less effect on communication.
The SIG40 needs at least 20mVpp for proper reception. Good communication should be achieved if an
oscilloscope at the SIG40 receiver can see the transmitted signal within the noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com