Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 5 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 5 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
5
DS-ISL40 R1.6
Figure 3.5 Sleep message
Change Frequency message:
This type of message consists of 5 bytes - sync break, sync field, “FE” Hex, “00” Hex and checksum.
The change frequency message identifier is “FE” Hex and the following data byte “00”Hex.
Upon reception of sync break, sync field, “FE” Hex and “00” Hex bytes the frequency changes from F1
to F0 or vise versa.
Figure 3.6 Frequency Change message
3.2
Power Management
The device features Sleep mode for power saving. Entering Sleep and waking up are done either
locally by dedicated pins, or remotely through activity over the bus.
3.2.1
Entering Sleep mode
The ISL40 can enter sleep mode in the following ways:
1. Local device lowers its nSleep pin.
2. Remote master SIG40 device can enter the ISL40 device into Sleep Mode from Normal mode by
transmitting the remote sleep message.
3. The AutoSleep pin is high and no reception occurred for about 8 seconds.
3.2.2
Remote wake up process
The ISL40 can wakeup by a remote SIG40 master or ISL40 device transmits a wakeup message over
the bus. During Sleep Mode, the ISL40 wakes up periodically to sense the bus for activity every
32mSec. If a wakeup message is detected, the ISL40 device raises pin INH and lowers pin HDO. If
nSleep pin is low upon remote waking up, the local device that lowered it must raise the nSleep back
high. Figure 3.6 shows the signals description.
Figure 3.7 - Wakeup from bus message
3.2.3
Wakeup from pin Wake
A transition on pin Wake (caused by an external switch of the application) is used to wake the device.
The device then enters Standby mode, raises pin INH, and transmits a wakeup message to the bus.
While transmitting the wakeup message to the bus, the device lowers pin HDO. After the transmission
is complete the device raises pin HDO. After the transmission is completed the device enters Normal
Sync break
Sync Field
0x3C
Zero byte/bytes
Checksum
INH
msg. detected
DC-BUS
Wakeup Message
Normal mode
HDO
Standby
Sync break
Sync Field
0xFE
Zero byte/bytes
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com