Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 11 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 11 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
11
DS-ISL40 R1.6
4.9
PLL Power Pins
VccPLL should be connected to Vcc. GndPLL should be connected to ground. The PLL supply has to
be sufficiently powered, to avoid any fluctuations of power supply. A capacitor of at least 47uF should
be connected as close as possible to these pins. It is recommended to keep the lines between 3.3V
power supply and the Vcc pins as short as possible with wide PCB traces for Vcc, VccPLL, Gnd and
GndPLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com