Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 2 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 2 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
2
DS-ISL40 R1.6
2.2
Channels and Network
The ISL40 operates over one of two preset selectable channels (frequencies) using a single line such
as the vehicle’s battery power line. A SIG40 master and up to 15 ISL40 slave devices can be connected
to each of the channels over the same line. Each of them can receive a message that controls either 4
output pins and returns a message consisting of its 8 input pins status or control 8 output pins and
return status of its 4 input pins according to the device setup. By selecting other channels, more than
one network may be used over same line for different applications.
Channel frequencies:
3.58MHz to 6.5MHz.
Data transfer rate:
up to 57.6Kbps.
Cable length:
Depends on external loads connected to the DC line.
2.3
The ISL40 Device
Figure 2.1 outlines the building blocks of the ISL40 device.
M e s s a g e H a n d le r
S ig n a lin g
G e n e r a t o r a n d
D e t e c t o r
I S L 4 0
T x / R x
O u t p u t
I n p u t
M o d e m
C e r a m ic
F ilt e r
T im in g
3 2 . 7 6 8 K
X t a l
O s c il la t o r
L I N
M e s s a g e
H a n d l e r
C e r a m i c
F ilt e r
S le e p
C o n t r o l
I D
Figure 2.1 - ISL40 Logical Blocks
2.4
Power Management
Sleep Mode, controlled by the host, saves power by disabling most of the circuits.
During Sleep Mode, the device is switched on for a short period to detect Signaling activity on the bus.
If no activity is detected, the device is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com