Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6727BRFP300 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6727BRFP300 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320C6727BRFP300 Datasheet HTML 28Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 29Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 30Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 31Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 32Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 33Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 34Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 35Page - Texas Instruments TMS320C6727BRFP300 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 3-5. Priority of Control of Data Output on Multiplexed Pins
PIN
FIRST PRIORITY
SECOND PRIORITY
THIRD PRIORITY
SPI0_SOMI/I2C0_SDA
SPI0_SOMI
I2C0_SDA
SPI0_CLK/I2C0_SCL
SPI0_CLK
I2C0_SCL
SPI0_SCS/I2C1_SCL
SPI0_SCS
I2C1_SCL
SPI0_ENA/I2C1_SDA
SPI0_ENA
I2C1_SDA
AXR0[5]/SPI1_SCS
AXR0[5]
SPI1_SCS
AXR0[6]/SPI1_ENA
AXR0[6]
SPI1_ENA
AXR0[7]/SPI1_CLK
AXR0[7]
SPI1_CLK
AXR0[8]/AXR1[5]/SPI1_SOMI
AXR0[8]
AXR1[5]
SPI1_SOMI
AXR0[9]/AXR1[4]/SPI1_SIMO
AXR0[9]
AXR1[4]
SPI1_SIMO
AXR0[10]/AXR1[3]
AXR0[10]
AXR1[3]
AXR0[11]/AXR1[2]
AXR0[11]
AXR1[2]
AXR0[12]/AXR1[1]
AXR0[12]
AXR1[1]
AXR0[13]/AXR1[0]
AXR0[13]
AXR1[0]
AXR0[14]/AXR2[1]
AXR0[14]
AXR2[1]
AXR0[15]/AXR2[0]
AXR0[15]
AXR2[0]
AHCLKR0/AHCLKR1
AHCLKR0
AHCLKR1
AHCLKX0/AHCLKX2
AHCLKX0
AHCLKX2
AMUTE2/HINT
AMUTE2
HINT
HD[16]/HHWIL
HD[16]
HHWIL
EM_D[31:16]/UHPI_HA[15:0](1)
EM_D[31:16] (Disabled if
UHPI_HA[15:0] (Input Only)
CFGHPI.NMUX=1)
(1)
When using the UHPI in non-multiplexed mode, ensure EM_D[31:16] are configured as inputs so that these pins may be used as
UHPI_HA[15:0]. To ensure this, you must set the CFGHPI.NMUX bit to a '1' before the EMIF SDRAM initialization completes;
otherwise, a drive conflict will occur. [The EMIF bus parking function drives the data bus in between accesses.]
32
Device Configurations
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com